Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 22Page - Texas Instruments TPS62933O Datasheet HTML 23Page - Texas Instruments TPS62933O Datasheet HTML 24Page - Texas Instruments TPS62933O Datasheet HTML 25Page - Texas Instruments TPS62933O Datasheet HTML 26Page - Texas Instruments TPS62933O Datasheet HTML 27Page - Texas Instruments TPS62933O Datasheet HTML 28Page - Texas Instruments TPS62933O Datasheet HTML 29Page - Texas Instruments TPS62933O Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
In addition, Adding one BST resistor R4 to reduce the spike voltage on the SW node, the resistance smaller than
10 Ω is recommended to be used between BST to the bootstrap capacitor.
9.2.2.6 Undervoltage Lockout Set Point
The undervoltage lockout (UVLO) can be adjusted using the external voltage divider network of R1 and R2.
R1 is connected between VIN and the EN pin of the TPS62933 and R2 is connected between EN and GND.
The UVLO has two thresholds: one for power up when the input voltage is rising and one for power down
or brownouts when the input voltage is falling. For the example design, the supply should turn on and start
switching when the input voltage increases above 8 V (VSTART). After the converter starts switching, it should
continue to do so until the input voltage falls below 7 V (VSTOP). Equation 3 and Equation 4 can be used
to calculate the values for the upper and lower resistor values. For the stop voltages specified, the nearest
standard resistor value for R1 is 511 kΩ and for R2 is 80.7 kΩ.
9.2.2.7 Output Inductor Selection
The most critical parameters for the inductor are the inductance, saturation current, and the RMS current. The
inductance is based on the desired peak-to-peak ripple current ΔiL, which can be calculated by Equation 15.
¿IL =
VOUT
VIN_MAX
×
VIN_MAX F VOUT
L × fSW
(15)
Usually, define K coefficient represents the amount of inductor ripple current relative to the maximum output
current of the device, a reasonable value of K should be 20% to 60%, experience shows that the best value of
K is 40%. Since the ripple current increases with the input voltage, the maximum input voltage is always used to
calculate the minimum inductance L. Use Equation 16 to calculate the minimum value of the output inductor.
u
u u
IN
OUT
OUT
SW
OUT _ MAX
IN
(V -V
)
V
L
f
K I
V
(16)
where
• K = Ripple ratio of the inductor current (ΔIL / IOUT_MAX)
In general, it is preferable to choose lower inductance in switching power supplies, because it usually
corresponds to faster transient response, smaller DCR, and reduced size for more compact designs. Too low
of an inductance can generate too large of an inductor current ripple such that overcurrent protection at the full
load can be falsely triggered. It also generates more inductor core loss since the current ripple is larger. Larger
inductor current ripple also implies larger output voltage ripple with the same output capacitors.
After inductance L is determined, the maximum inductor peak current and RMS current can be calculated by
Equation 17 and Equation 18.
I
L_PEAK = IOUT +
¿IL
2
(17)
I
L_RMS =
¨I
OUT
2 +
¿IL
2
12
(18)
Ideally, the saturation current rating of the inductor is at least as large as the high-side switch current limit,
IHS_LIMIT (see Section 7.5). This ensures that the inductor does not saturate even during a short circuit on
the output. When the inductor core material saturates, the inductance falls to a very low value, causing the
inductor current to rise very rapidly. Although the valley current limit, ILS_LIMIT, is designed to reduce the risk of
current runaway, a saturated inductor can cause the current to rise to high values very rapidly, this can lead to
component damage, so do not allow the inductor to saturate. In any case, the inductor saturation current must
not be less than the maximum peak inductor current at full load.
For this design example, choose the following values:
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com