Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 3Page - Texas Instruments TPS62933O Datasheet HTML 4Page - Texas Instruments TPS62933O Datasheet HTML 5Page - Texas Instruments TPS62933O Datasheet HTML 6Page - Texas Instruments TPS62933O Datasheet HTML 7Page - Texas Instruments TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments TPS62933O Datasheet HTML 10Page - Texas Instruments TPS62933O Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7.6 Typical Characteristics
TJ = –40°C to 150°C, VIN = 12 V, unless otherwise noted.
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
10
11
12
13
14
15
16
17
18
Figure 7-1. Quiescent Current vs Junction
Temperature
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
Figure 7-2. Shutdown Current vs Junction
Temperature
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
40
60
80
100
120
140
Figure 7-3. High-Side RDSON vs Junction
Temperature
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
20
25
30
35
40
45
50
Figure 7-4. Low-Side RDSON vs Junction
Temperature
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
780
785
790
795
800
805
810
815
820
Figure 7-5. Feedback Voltage vs Junction
Temperature
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
1.1
1.15
1.2
1.25
1.3
1.35
Figure 7-6. Enable Threshold vs Junction
Temperature
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com