Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 31Page - Texas Instruments TPS62933O Datasheet HTML 32Page - Texas Instruments TPS62933O Datasheet HTML 33Page - Texas Instruments TPS62933O Datasheet HTML 34Page - Texas Instruments TPS62933O Datasheet HTML 35Page - Texas Instruments TPS62933O Datasheet HTML 36Page - Texas Instruments TPS62933O Datasheet HTML 37Page - Texas Instruments TPS62933O Datasheet HTML 38Page - Texas Instruments TPS62933O Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
10 Power Supply Recommendations
The devices are designed to operate from an input voltage supply range between 3.8 V and 30 V. This input
supply must be well regulated and compatible with the limits found in the specifications of this data sheet. In
addition, the input supply must be capable of delivering the required input current to the loaded converter. The
average input current can be estimated with Equation 25.
u
u K
OUT
OUT
IN
IN
V
I
I
V
(25)
where
• ŋ = efficiency
If the converter is connected to the input supply through long wires or PCB traces, special care is required to
achieve good performance. The parasitic inductance and resistance of the input cables can have an adverse
effect on the operation of the converter. The parasitic inductance, in combination with the low-ESR, ceramic
input capacitors, can form an under-damped resonant circuit, resulting in overvoltage transients at the input to
the converter. The parasitic resistance can cause the voltage at the VIN pin to dip whenever a load transient
is applied to the output. If the application is operating close to the minimum input voltage, this dip can cause
the converter to momentarily shutdown and reset. The best way to solve these kind of issues is to reduce the
distance from the input supply to the converter and use an aluminum or tantalum input capacitor in parallel with
the ceramics. The moderate ESR of these types of capacitors help damp the input resonant circuit and reduce
any overshoots. A value in the range of 20 μF to 100 μF is usually sufficient to provide input damping and help
hold the input voltage steady during large load transients.
It is recommended that the input supply must not be allowed to fall below the output voltage by more than
0.3 V. Under such conditions, the output capacitors discharges through the body diode of the high-side power
MOSFET. The resulting current can cause unpredictable behavior, and in extreme cases, possible device
damage. If the application allows for this possibility, then use a Schottky diode from VIN to VOUT to provide a
path around the converter for this current.
In some cases, a transient voltage suppressor (TVS) is used on the input of converters. One class of this
device has a snap-back characteristic (thyristor type). The use of a device with this type of characteristic is not
recommended. When the TVS fires, the clamping voltage falls to a very low value. If this voltage is less than the
output voltage of the converter, the output capacitors discharges through the device, as mentioned above.
Sometimes, for other system considerations, an input filter is used in front of the converter. This can lead to
instability as well as some of the effects mentioned above, unless it is designed carefully. The AN-2162 Simple
Success with Conducted EMI from DCDC Converters User's Guide provides helpful suggestions when designing
an input filter for any switching converter.
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com