Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 4 Page - Texas Instruments

  TPS62933O Datasheet HTML 1Page - Texas Instruments TPS62933O Datasheet HTML 2Page - Texas Instruments TPS62933O Datasheet HTML 3Page - Texas Instruments TPS62933O Datasheet HTML 4Page - Texas Instruments TPS62933O Datasheet HTML 5Page - Texas Instruments TPS62933O Datasheet HTML 6Page - Texas Instruments TPS62933O Datasheet HTML 7Page - Texas Instruments TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of –40°C to +150°C , unless otherwise noted(1)
MIN
MAX
UNIT
Input voltage
VIN
–0.3
32
V
EN
–0.3
6
FB
–0.3
6
Output voltage
SW, DC
–0.3
32
SW, transient < 10 ns
–3
33
BST
–0.3
SW + 6
BST–SW
–0.3
6
SS
–0.3
6
RT
–0.3
6
TJ
Operating junction temperature(2)
–40
150
°C
Tstg
Storage temperature
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Operating at junction temperatures greater than 150°C, although possible, degrades the lifetime of the device.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001, all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC
JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of –40°C to +150°C, unless otherwise noted(1)
MIN
NOM
MAX
UNIT
Input voltage
VIN
3.8
30
V
EN
–0.1
5.5
FB
–0.1
5.5
Output voltage
VOUT
0.8
22
SW, DC
–0.1
30
SW, transient < 10 ns
–3
32
BST
–0.1
SW + 5.5
BST-SW
–0.1
5.5
Ouput current IOUT
0
3
A
Temperature
Operating junction temperature, TJ
–40
150
°C
(1)
The Recommended Operating Conditions indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. For compliant specifications, see the Electrical Characteristics.
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com