Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments TPS62933O Datasheet HTML 10Page - Texas Instruments TPS62933O Datasheet HTML 11Page - Texas Instruments TPS62933O Datasheet HTML 12Page - Texas Instruments TPS62933O Datasheet HTML 13Page - Texas Instruments TPS62933O Datasheet HTML 14Page - Texas Instruments TPS62933O Datasheet HTML 15Page - Texas Instruments TPS62933O Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
8 Detailed Description
8.1 Overview
The TPS62933 is a 30-V, 3-A, synchronous buck (step-down) converter with two integrated n-channel
MOSFETs. It employs fixed-frequency peak current control mode for fast transient response and good line and
load regulation. With the optimized internal loop compensation, the device eliminates the external compensation
components over a wide range of output voltage and switching frequency.
The integrated 76-mΩ and 32-mΩ MOSFETs allow for high-efficiency power supply designs with continuous
output currents up to 3 A. The feedback reference voltage is designed at 0.8 V. The output voltage can be
stepped down from 0.8 V to 22 V. It is ideally suited for systems powered from 5-V, 12-V, 19-V, and 24-V
power-bus rails.
The TPS62933 has been designed for safe monotonic start-up into pre-biased loads. The default start-up is at
VIN equal to 3.8 V. After the device is enabled, the output rises smoothly from 0 V to its regulated voltage. The
total operating current is 12 μA (typical) when not switching under no load. When the device is disabled, the
supply current is approximately 2 µA (typical). The pulse frequency modulation (PFM) mode maximizes the light
load efficiency. These features are extremely beneficial for long battery life time in low-power operation.
The EN pin has an internal pullup current that can be used to adjust the input voltage undervoltage lockout
(UVLO) with two external resistors. In addition, the EN pin can be floating for the device to operate with the
internal pullup current.
The switching frequency can be set by the configuration of the RT pin in the range of 200 kHz to 2.2 MHz, which
allows for efficiency and solution size optimization when selecting the output filter components. This device also
has frequency spread spectrum feature which helps with lowering down EMI noise.
The SS (soft start/tracking) pin is used to minimize inrush current when driving capacitative load. A small value
capacitor or resistor divider is connected to the SS pin for soft-start time setting or voltage tracking.
The device has the on-time extension function with a maximum on time of 7 μs (typical). During the low dropout
operation, the high-side MOSFET can turn on up to 7 μs, then the high-side MOSFET turns off and the low-side
MOSFET turns on with a minimum off time of 140 ns (typical). It supports the maximum 98% duty cycle.
The device reduces the external component count by integrating the bootstrap circuit. The bias voltage for the
integrated high-side MOSFET is supplied by a capacitor between the BST and SW pins. A UVLO circuit monitors
the bootstrap capacitor voltage VBST-SW. When it falls below a preset threshold of 2.5 V (typical), the SW pin is
pulled low to recharge the bootstrap capacitor.
Cycle-by-cycle current limiting on the high-side MOSFET protects the device in overload situations and is
enhanced by a low-side sourcing current limit, which prevents current runaway. The TPS62933 provides output
undervoltage protection (UVP) when the regulated output voltage is lower than 65% of the nominal voltage
due to overcurrent being triggered, about 256-μs (typical) deglitch time later, both the high-side and low-side
MOSFET turn off, the device steps into hiccup mode.
The device minimizes excessive output overvoltage transient by taking advantage of the overvoltage
comparator. When the regulated output voltage is greater than 115% of the nominal voltage, the overvoltage
comparator is activated, and the high-side MOSFET is turned off and masked from turning on until the output
voltage is lower than 110%.
Thermal shutdown disables the device when the die temperature, TJ, exceeds 165°C and enables the device
again after TJ decreases below the hysteresis amount of 30°C.
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com