Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 30Page - Texas Instruments TPS62933O Datasheet HTML 31Page - Texas Instruments TPS62933O Datasheet HTML 32Page - Texas Instruments TPS62933O Datasheet HTML 33Page - Texas Instruments TPS62933O Datasheet HTML 34Page - Texas Instruments TPS62933O Datasheet HTML 35Page - Texas Instruments TPS62933O Datasheet HTML 36Page - Texas Instruments TPS62933O Datasheet HTML 37Page - Texas Instruments TPS62933O Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
VOUT = 2V/div
20mS/div
VIN = 10V/div
SS = 2V/div
IL = 2A/div
Figure 9-20. VOUT Hard Short Protection
VOUT = 2V/div
20mS/div
VIN = 10V/div
SS = 2V/div
IL = 2A/div
Figure 9-21. VOUT Hard Short Recovery
9.3 What to Do and What Not to Do
• Do not exceed the Absolute Maximum Ratings.
• Do not exceed the Recommended Operating Conditions.
• Do not exceed the ESD Ratings.
• Do not allow the SS pin floating.
• Do not allow the output voltage to exceed the input voltage, nor go below ground.
• Do not use the value of RθJA given in the Thermal Information table to design your application. See Section
9.2.2.11.
• Follow all the guidelines and suggestions found in this data sheet before committing the design to production.
TI application engineers are ready to help critique your design and PCB layout to help make your project a
success.
• Use a 100-nF capacitor connected directly to the VIN and GND pins of the device. See Section 9.2.2.9 for
details.
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com