Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 1 Page - Texas Instruments

  TPS62933O Datasheet HTML 1Page - Texas Instruments TPS62933O Datasheet HTML 2Page - Texas Instruments TPS62933O Datasheet HTML 3Page - Texas Instruments TPS62933O Datasheet HTML 4Page - Texas Instruments TPS62933O Datasheet HTML 5Page - Texas Instruments TPS62933O Datasheet HTML 6Page - Texas Instruments TPS62933O Datasheet HTML 7Page - Texas Instruments TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
1 Features
• Configured for a wide range of applications
– Input voltage range: 3.8 V to 30 V
– Output voltage range: 0.8 V to 22 V
– 3-A continuous output current
– 0.8V ± 1% reference voltage (25°C)
– Operating junction temperature: –40°C to
150°C
– Integrated 76-mΩ and 32-mΩ MOSFETs
– Ultra-low quiescent current: 12 μA (typical)
– Low shutdown current: 2 μA (typical)
– Maximum 98% duty cycle operation
– Precision EN threshold
• Ease of use and small solution size
– Peak current control mode with internal
compensation
– Pulse frequency modulation for high light-load
efficiency
– Adjustable soft-start time
– Selectable frequency: 200 kHz to 2.2 MHz
– EMI friendly with Frequency Spread Spectrum
– Support start-up with pre-biased output
– Cycle-by-cycle OC limit for both high-side and
low-side MOSFETs
– Non-latched protections for OTP, OCP, OVP,
UVP, and UVLO
– 1.6-mm × 2.1-mm SOT583 package
• Create a custom design using the TPS62933 with
the WEBENCH Power Designer
2 Applications
• Building automation, appliances, industrial PC
• Multifunction printers, enterprise projectors
• Portable electronics, connected peripherals
• Smart speakers, monitors
• Distributed power systems with 5-V, 12-V, 19-V,
24-V input
3 Description
The TPS62933 is a high-efficiency, easy-to-use
synchronous buck converter with a wide input voltage
range of 3.8 V to 30 V, and supports up to 3-A
continuous output current and 0.8-V to 22-V output
voltage.
The device employs fixed-frequency peak current
control mode for fast transient response and good
line and load regulation. The optimized internal
loop compensation eliminates external compensation
components over a wide range of output voltage
and operation frequency. Pulse frequency modulation
(PFM) mode maximizes the light load efficiency.
The ULQ (ultra low quiescent) feature is extremely
beneficial for long battery life time in low-power
operation. The switching frequency can be set by the
configuration of the RT pin in the range of 200 kHz
to 2.2 MHz, which allows the user to optimize system
efficiency, solution size, and bandwidth. The soft-start
time can be adjusted by the external capacitor at the
SS pin, which can minimize the inrush current when
driving large capacitive load. This device also has
frequency spread spectrum feature, which helps with
lowering down EMI noise.
The device provides complete protections including
OTP, OVP, UVLO, cycle-by-cycle OC limit, and UVP
with hiccup mode. This device is in a small SOT583
(1.6-mm × 2.1-mm) package with 0.5-mm pin pitch,
and has an optimized pinout for easy PCB layout and
promotes good EMI performance.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TPS62933
SOT583 (8)
1.60 mm × 2.10 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
L
C
BST
C
OUT
R
FBT
R
FBB
VIN
GND
EN
SS
BST
SW
FB
RT
C
IN
V
IN
V
OUT
V
EN
Simplified Schematic
I-Load (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
50
60
70
80
90
100
VOUT=3.3V
VOUT=5V
VOUT=12V
Efficiency, VIN = 24 V, fSW = 500 kHz
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62933O

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62933O TI-TPS62933O Datasheet
4Mb / 48P
TPS6293x 3.8-V to 30-V, 3-A/2-A Synchronous Buck Converter in a SOT583 Package
FEBRUARY 2022
TPS62933O TI-TPS62933O Datasheet
3Mb / 51P
TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package
REVISED AUGUST 2022
TPS62933O TI-TPS62933O Datasheet
3Mb / 51P
TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package
REVISED AUGUST 2022
TPS62933ODRLR TI-TPS62933ODRLR Datasheet
3Mb / 51P
TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package
REVISED AUGUST 2022
More results

Similar Description - TPS62933O

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562211 TI-TPS562211 Datasheet
3Mb / 34P
TPS562211 4.2-V to 18-V Input, 2-A Synchronous Buck Converter in SOT583 Package
TPS563211 TI-TPS563211 Datasheet
3Mb / 34P
TPS563211 4.2-V to 18-V Input, 3-A Synchronous Buck Converter in SOT583 Package
TPS62933 TI-TPS62933 Datasheet
3Mb / 44P
TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
TPS629210-Q1 TI-TPS629210-Q1 Datasheet
1Mb / 32P
TPS629210-Q1 3-V to 17-V, 1-A Low IQ Buck Converter in SOT583 Package
TPS629210 TI-TPS629210 Datasheet
1Mb / 32P
TPS629210 3-V to 17-V, 1-A Low IQ Buck Converter in SOT583 Package
SEPTEMBER 2021
TPS62933 TI-TPS62933_V02 Datasheet
4Mb / 48P
TPS6293x 3.8-V to 30-V, 3-A/2-A Synchronous Buck Converter in a SOT583 Package
FEBRUARY 2022
TPS563300 TI-TPS563300 Datasheet
3Mb / 42P
TPS563300 3.8-V to 28-V, 3-A Synchronous Buck Converter in SOT583 Package
JULY 2022
TPS62933 TI-TPS62933_V03 Datasheet
3Mb / 51P
TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package
REVISED AUGUST 2022
TPS62933 TI-TPS62933_V04 Datasheet
3Mb / 51P
TPS6293x 3.8-V to 30-V, 2-A, 3-A Synchronous Buck Converters in a SOT583 Package
REVISED AUGUST 2022
TPSM861253 TI-TPSM861253 Datasheet
1Mb / 27P
TPSM861253 3.8-V to 17-V Input, 1-A, Synchronous Buck Module in QFN Package
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com