Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 5Page - Texas Instruments TPS62933O Datasheet HTML 6Page - Texas Instruments TPS62933O Datasheet HTML 7Page - Texas Instruments TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments TPS62933O Datasheet HTML 10Page - Texas Instruments TPS62933O Datasheet HTML 11Page - Texas Instruments TPS62933O Datasheet HTML 12Page - Texas Instruments TPS62933O Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
113
114
115
116
117
Figure 7-13. OVP Threshold vs Junction
Temperature
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
63
64
65
66
Figure 7-14. UVP Threshold vs Junction
Temperature
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
160
5.3
5.4
5.5
5.6
5.7
5.8
Figure 7-15. Soft-Start Charge Current vs Junction
Temperature
I-Load (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
50
55
60
65
70
75
80
85
90
95
100
Vin=6V
Vin=12V
Vin=19V
Vin=24V
Figure 7-16. Efficiency, VOUT = 3.3 V, fSW = 500 kHz,
L = 4.7 µH
I-Load (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
50
55
60
65
70
75
80
85
90
95
100
Vin=6V
Vin=12V
Vin=19V
Vin=24V
Figure 7-17. Efficiency, VOUT = 3.3 V, fSW = 1200
kHz, L = 2.2 µH
I-Load (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
50
55
60
65
70
75
80
85
90
95
100
Vin=19V
Vin=24V
Figure 7-18. Efficiency, VOUT = 12 V , fSW = 500 kHz,
L = 12 µH
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com