Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 5 Page - Texas Instruments

  TPS62933O Datasheet HTML 1Page - Texas Instruments TPS62933O Datasheet HTML 2Page - Texas Instruments TPS62933O Datasheet HTML 3Page - Texas Instruments TPS62933O Datasheet HTML 4Page - Texas Instruments TPS62933O Datasheet HTML 5Page - Texas Instruments TPS62933O Datasheet HTML 6Page - Texas Instruments TPS62933O Datasheet HTML 7Page - Texas Instruments TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
TPS62933
UNIT
DRL (SOT583), 8 PINS
JEDEC(2)
EVM(3)
RθJA
Junction-to-ambient thermal resistance
112.2
N/A
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.1
N/A
°C/W
RθJB
Junction-to-board thermal resistance
19.3
N/A
°C/W
ΨJT
Junction-to-top characterization parameter
1.6
N/A
°C/W
ΨJB
Junction-to-board characterization parameter
19.2
N/A
°C/W
RθJA_EVM
Junction-to-ambient thermal resistance on official
EVM board
N/A
60.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The value of RθJA given in this table is only valid for comparison with other packages and can not be used for design purposes. These
values were simulated on a standard JEDEC board. They do not represent the performance obtained in an actual application.
(3)
The real RθJA on TPS62933EVM is about 60.2°C/W, test condition: VIN = 24 V, VOUT = 5 V, IOUT = 3 A, TA = 25°C.
7.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life
of the product containing it. TJ = –40°C to +150°C, VIN = 3.8 V to 30 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY (VIN PIN)
VIN
Operation input voltage
3.8
30
V
IQ
Nonswitching quiescent current
EN = 5 V, VFB = 0.85 V
12
µA
ISHDN
Shutdown supply current
VEN = 0 V
2
µA
VIN_UVLO
Input undervoltage lockout
thresholds
Rising threshold
3.4
3.6
3.8
V
Falling threshold
3.1
3.3
3.5
V
Hysteresis
300
mV
ENABLE (EN PIN)
VEN_RISE
Enable threshold
Rising enable threshold
1.21
1.28
V
VEN_FALL
Disable threshold
Falling disable threshold
1.1
1.17
V
Ip
EN pullup current
VEN = 1.0 V
0.7
µA
Ih
EN pullup hysteresis current
VEN = 1.5 V
1.4
µA
VOLTAGE REFERENCE (FB PIN)
VFB
FB voltage
TJ = 25°C
792
800
808
mV
TJ = 0°C to 85°C
788
800
812
mV
TJ = –40°C to 150°C
784
800
816
mV
IFB
Input leakage current
VFB = 0.8 V
0.15
μA
INTEGRATED POWER MOSFETS
RDSON_HS
High-side MOSFET on-resistance
TJ = 25°C, VBST – SW = 5 V
76
mΩ
RDSON_LS
Low-side MOSFET on-resistance
TJ = 25°C
32
mΩ
CURRENT LIMIT
IHS_LIMIT
High-side MOSFET current limit
TPS62933
4.2
5
5.8
A
ILS_LIMIT
Low-side MOSFET current limit
TPS62933
2.9
3.8
4.5
A
IPEAK_MIN
Minimum peak inductor current
TPS62933
0.75
A
SOFT START (SS PIN)
ISS
Soft-start charge current
4.5
5.5
6.5
μA
OSCILLATOR FREQUENCY (RT PIN)
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com