Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 23Page - Texas Instruments TPS62933O Datasheet HTML 24Page - Texas Instruments TPS62933O Datasheet HTML 25Page - Texas Instruments TPS62933O Datasheet HTML 26Page - Texas Instruments TPS62933O Datasheet HTML 27Page - Texas Instruments TPS62933O Datasheet HTML 28Page - Texas Instruments TPS62933O Datasheet HTML 29Page - Texas Instruments TPS62933O Datasheet HTML 30Page - Texas Instruments TPS62933O Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
• K = 0.4
• VIN_MAX = 30 V
• fSW = 500 kHz
• IOUT_MAX = 3 A
The inductor value is calculated to be 6.94 μH. Choose the nearest standard value of 6.8 μH. This gives a new K
value of 0.408. The max IHS_LIMIT is 5.8 A, the calculated peak current is 3.61 A, and the calculated RMS current
is 3.02 A. The chosen inductor is a Würth Elektronik, 74439346068, 6.8 μH, which has a saturation current rating
of 10 A and a RMS current rating of 6.5 A.
The maximum inductance is limited by the minimum current ripple required for the peak current mode control
to perform correctly. To avoid subharmonic oscillation, as a rule-of-thumb, the minimum inductor ripple current
should be no less than about 10% of the device maximum rated current (3 A) under nominal conditions.
9.2.2.8 Output Capacitor Selection
The device is designed to be used with a wide variety of LC filters. It is generally desired to use as little output
capacitance as possible to keep cost and size down. The output capacitance, COUT, should be chosen with care
since it directly affects the following specification:
• Steady state output voltage ripple
• Loop stability
• Output voltage overshoot and undershoot during load current transient
The output voltage ripple is essentially composed of two parts. One is caused by the inductor current ripple
going through the Equivalent Series Resistance (ESR) of the output capacitors:
¿VOUT _ESR = ¿IL × ESR = K × IOUT × ESR
(19)
The other is caused by the inductor current ripple charging and discharging the output capacitors:
¿VOUT _C =
¿IL
8 × fSW × COUT
=
K × IOUT
8 × fSW × COUT
(20)
K is the ripple ratio of the inductor current (ΔIL / IOUT_MAX). The two components in the voltage ripple are not in
phase, so the actual peak-to-peak ripple is smaller than the sum of the two peaks.
Output capacitance is usually limited by the load transient requirements rather than the output voltage ripple
if the system requires tight voltage regulation with presence of large current steps and fast slew rate. When a
large load step happens, output capacitors provide the required charge before the inductor current can slew up
to the appropriate level. The control loop of the converter usually needs eight or more clock cycles to regulate
the inductor current equal to the new load level. The output capacitance must be large enough to supply the
current difference for about eight clock cycles to maintain the output voltage within the specified range. Equation
21 shows the minimum output capacitance needed for specified VOUT overshoot and undershoot.
2
1
1
2
12
ª
º
'
t
u
u
«
»
u '
u
«
»
¬
¼
OUT
OUT
SW
OUT
I
K
C
(
D) (
K)
(
D)
f
V
K
(21)
where
• D = VOUT / VIN, duty cycle of steady state
• ΔVOUT = Output voltage change
• ΔIOUT = Output current change
For this design example, the target output ripple is 30 mV. Presuppose ΔVOUT_ESR = ΔVOUT_C = 30 mV and
choose K = 0.4. Equation 19 yields ESR no larger than 25 mΩ and Equation 20 yields COUT no smaller
than 10 μF. For the target overshoot and undershoot limitation of this design, ΔVOUT_SHOOT < 5% × VOUT
= 250 mV for an output current step of ΔIOUT = 1.5 A. COUT is calculated to be no smaller than 25 μF
by Equation 21. In summary, the most stringent criterion for the output capacitor is 25 μF. Considering the
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com