Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 2Page - Texas Instruments TPS62933O Datasheet HTML 3Page - Texas Instruments TPS62933O Datasheet HTML 4Page - Texas Instruments TPS62933O Datasheet HTML 5Page - Texas Instruments TPS62933O Datasheet HTML 6Page - Texas Instruments TPS62933O Datasheet HTML 7Page - Texas Instruments TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments TPS62933O Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life
of the product containing it. TJ = –40°C to +150°C, VIN = 3.8 V to 30 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSW
Switching center frequency
RT = Floating
450
500
550
kHz
RT = GND
1000
1200
1350
RT = 71.5 kΩ
310
RT = 9.09 kΩ
2100
tON_MIN (1)
Minimum ON pulse width
70
ns
tOFF_MIN (1)
Minimum OFF pulse width
140
ns
tON_MAX (1)
Maximum ON pulse width
7
μs
OUTPUT OVERVOLTAGE AND UNDERVOLTAGE PROTECTION
VOVP
Output OVP threshold
OVP detect (L→H)
112%
115%
118%
Hysteresis
5%
VUVP
Output UVP threshold
UVP detect (H→L)
65%
thiccup_ON
UV hiccup ON time before entering
hiccup mode after soft start ends
256
μs
thiccup_OFF
UV hiccup OFF time before restart
10.5 ×
tSS
S
THERMAL SHUTDOWN
TSHDN (1)
Thermal shutdown threshold
Shutdown temperature
165
°C
THYS (1)
Hysteresis
30
°C
SPREAD SPECTRUM FREQUENCY
fm
Modulation frequency
fSW /
128
kHz
fspread
Internal spread oscillator frequency
±6%
(1)
Not production tested, ensured by design.
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com