Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 13Page - Texas Instruments TPS62933O Datasheet HTML 14Page - Texas Instruments TPS62933O Datasheet HTML 15Page - Texas Instruments TPS62933O Datasheet HTML 16Page - Texas Instruments TPS62933O Datasheet HTML 17Page - Texas Instruments TPS62933O Datasheet HTML 18Page - Texas Instruments TPS62933O Datasheet HTML 19Page - Texas Instruments TPS62933O Datasheet HTML 20Page - Texas Instruments TPS62933O Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
be configured as shown in Figure 8-4. When using the external UVLO function, setting the hysteresis at a value
greater than 500 mV is recommended.
The EN pin has a small pullup current, Ip, which sets the default state of the EN pin to enable when no external
components are connected. The pullup hysteresis current Ih is used to control the hysteresis voltage for the
UVLO function when the EN pin voltage crosses the enable threshold. Use Equation 3 and Equation 4 to
calculate the values of R1 and R2 for a specified UVLO threshold. Once R1, R2 are settled down, the VEN can
be calculated by Equation 5, which must be lower than 5.5 V with max VIN.
EN
Ip
Ih
R1
R2
VIN
Device
Figure 8-4. Adjustable VIN Undervoltage Lockout
(3)
u
u
1
EN_FALL
2
STOP
EN_FALL
1
p
h
R
V
R
V
V
R
I
I
(4)
u
u
u
2
IN
1
2
p
h
EN
1
2
R
V +R
R
I
I
V
R +R
(5)
where
• Ip = 0.7 µA
• Ih = 1.4 µA
• VEN_FALL = 1.17 V
• VEN_RISE = 1.21 V
• VSTART = input voltage enabling the device
• VSTOP = input voltage disabling the device
8.3.7 External Soft Start and Pre-Biased Soft Start
The SS pin is used to minimize inrush current when driving capacitative load. The TPS62933 device uses
the lower voltage of the internal voltage reference, VREF, or the SS pin voltage as the reference voltage and
regulates the output accordingly. A capacitor on the SS pin to ground implements a soft-start time. The device
has an internal pullup current source that charges the external soft-start capacitor. Use Equation 6 to calculate
the soft time (tSS, 0% to 100%) and soft-start capacitor (CSS).
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com