Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 18Page - Texas Instruments TPS62933O Datasheet HTML 19Page - Texas Instruments TPS62933O Datasheet HTML 20Page - Texas Instruments TPS62933O Datasheet HTML 21Page - Texas Instruments TPS62933O Datasheet HTML 22Page - Texas Instruments TPS62933O Datasheet HTML 23Page - Texas Instruments TPS62933O Datasheet HTML 24Page - Texas Instruments TPS62933O Datasheet HTML 25Page - Texas Instruments TPS62933O Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
8.4 Device Functional Modes
8.4.1 Modes Overview
The TPS62933 moves between CCM, DCM, and PFM mode as the load changes. Depending on the load
current, the TPS62933 will be in one of below modes:
• Continuous conduction mode (CCM) with fixed switching frequency when load current is above half of the
peak-to-peak inductor current ripple.
• Discontinuous conduction mode (DCM) with fixed switching frequency when load current is lower than half of
the peak-to-peak inductor current ripple in CCM operation.
• Pulse frequency modulation mode (PFM) when switching frequency is decreased at very light load.
8.4.2 Heavy Load Operation
The TPS62933 operates in continuous conduction mode (CCM) when the load current is higher than half of
the peak-to-peak inductor current. In CCM operation, the output voltage is regulated by switching at a constant
frequency and modulating the duty cycle to control the power to the load. This provides excellent line and
load regulation and minimum output voltage ripple, and the maximum continuous output current of 3 A can be
supplied by the TPS62933.
8.4.3 Light Load Operation (PFM Version)
For PFM version, when the load current is lower than half of the peak-to-peak inductor current in CCM, the
device operates in discontinuous conduction mode (DCM), also known as diode emulation mode (DEM). In DCM
operation, the LS switch is turned off when the inductor current drops to ILS_ZC (150 mA typical) to improve
efficiency. Both switching losses and conduction losses are reduced in DCM, compared to forced CCM operation
at light load.
At even lighter current load, pulse frequency modulation (PFM) mode is activated to maintain high efficiency
operation. When either the minimum ON time, tON_MIN, or the minimum peak inductor current, IPEAK_MIN, (750
mA typical) is reached, the switching frequency decreases to maintain regulation. In PFM mode, switching
frequency is decreased by the control loop to maintain output voltage regulation when load current reduces.
Switching loss is further reduced in PFM operation due to less frequent switching actions. The output current
for mode change depends on the input voltage, inductor value, and the programmed switching frequency. For
applications where the switching frequency must be known for a given condition, the transition between PFM
and CCM must be carefully tested before the design is finalized.
8.4.4 Dropout Operation
The dropout performance of any buck converter is affected by the RDSON of the power MOSFETs, the DC
resistance of the inductor, and the maximum duty cycle that the controller can achieve. As the input voltage level
approaches the output voltage, the off time of the high-side MOSFET starts to approach the minimum value.
Beyond this point, the switching frequency becomes erratic and the output voltage can fall out of regulation. To
avoid this problem, the TPS62933 automatically reduces the switching frequency (on-time extension function) to
increase the effective duty cycle and maintain in regulation until the switching frequency reach to the lowest limit
of about 140 kHz, the period is equal to (tON_MAX + tOFF_MIN) (7.14-μS typical). In this condition, the difference
voltage between VIN and VOUT is defined as dropout voltage. The typical overall dropout characteristics can be
found as Figure 8-9.
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com