Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 16Page - Texas Instruments TPS62933O Datasheet HTML 17Page - Texas Instruments TPS62933O Datasheet HTML 18Page - Texas Instruments TPS62933O Datasheet HTML 19Page - Texas Instruments TPS62933O Datasheet HTML 20Page - Texas Instruments TPS62933O Datasheet HTML 21Page - Texas Instruments TPS62933O Datasheet HTML 22Page - Texas Instruments TPS62933O Datasheet HTML 23Page - Texas Instruments TPS62933O Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
fc
Frequency
Energy
fm
Figure 8-8. Energy Versus Frequency
8.3.10 Overvoltage Protection
The device incorporates an output overvoltage protection (OVP) circuit to minimize output voltage overshoot.
The OVP feature minimizes the overshoot by comparing the FB pin voltage to the OVP threshold. If the FB pin
voltage is greater than the OVP threshold of 115%, the high-side MOSFET is turned off, which prevents current
from flowing to the output and minimizes output overshoot. When the FB pin voltage drops lower than the OVP
threshold minus hysteresis, the high-side MOSFET is allowed to turn on at the next clock cycle. This function is
non-latch operation.
8.3.11 Overcurrent and Undervoltage Protection
The TPS62933 incorporates both peak and valley inductor current limits to provide protection to the device from
overloads and short circuits and limit the maximum output current. Valley current limit prevents inductor current
run-away during short circuits on the output, while both peak and valley limits work together to limit the maximum
output current of the converter. Hiccup mode is also incorporated for sustained short circuits.
The high-side switch current is sensed when it is turned on after a set blanking time (tON_MIN), the peak current
of high-side switch is limited by the peak current threshold, IHS_LIMIT. The current going through low-side switch
is also sensed and monitored. When the low-side switch turns on, the inductor current begins to ramp down.
As the device is overloaded, a point is reached where the valley of the inductor current cannot reach below
ILS_LIMIT before the next clock cycle, then the low-side switch is kept on until the inductor current ramps below
the valley current threshold, ILS_LIMIT, then the low-side switch is turned off and the high-side switch is turned
on after a dead time. When this occurs, the valley current limit control skips that cycle, causing the switching
frequency to drop. Further overload causes the switching frequency to continue to drop, but the output voltage
remains in regulation. As the overload is increased, both the inductor current ripple and peak current increase
until the high-side current limit, IHS_LIMIT, is reached. When this limit is tripped, the switch duty cycle is reduced
and the output voltage falls out of regulation. This represents the maximum output current from the converter
and is given approximately by Equation 11. The output voltage and switching frequency continue to drop as the
device moves deeper into overload while the output current remains at approximately IOMAX. There is another
situation, if the inductor ripple current is large, the high-side current limit can be tripped before the low-side limit
is reached. In this case, Equation 12 gives the approximate maximum output current.
2
|
HS _ LIMIT
LS _ LIMIT
OMAX
I
+I
I
(11)
2
|
u
u u
IN
OUT
OUT
OMAX
HS _ LIMIT
SW
IN
(V -V
)
V
I
I
L f
V
(12)
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com