Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 3 Page - Texas Instruments

  TPS62933O Datasheet HTML 1Page - Texas Instruments TPS62933O Datasheet HTML 2Page - Texas Instruments TPS62933O Datasheet HTML 3Page - Texas Instruments TPS62933O Datasheet HTML 4Page - Texas Instruments TPS62933O Datasheet HTML 5Page - Texas Instruments TPS62933O Datasheet HTML 6Page - Texas Instruments TPS62933O Datasheet HTML 7Page - Texas Instruments TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
5 Device Comparison Table
PART NUMBER
OUTPUT CURRENT
PFM OR FCCM OR OOA SS OR PG PIN
STATUS
TPS62933
3 A
PFM
SS
Released
TPS62932
2 A
PFM
SS
To be released
TPS62933F
3 A
FCCM
SS
To be released
TPS62933O
3 A
OOA
PG
To be released
TPS62933P
3 A
PFM
PG
To be released
6 Pin Configuration and Functions
SS
1
2
3
4
5
6
7
8
VIN
SW
GND
FB
RT
EN
BST
Figure 6-1. 8-Pin SOT583 DRL Package (Top View)
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
RT
1
A
Frequency programming input. Float for 500 kHz, tie to GND for 1.2 MHz, or connect to an
RT timing resistor. See Section 8.3.5 for details.
EN
2
A
Enable input to converter. Driving EN high or leaving this pin floating enables the converter.
An external resistor divider can be used to implement an adjustable VIN UVLO function.
VIN
3
P
Supply input terminal to internal LDO and high-side FET. Input bypass capacitors must be
directly connected to this pin and GND.
GND
4
G
Ground terminal. Connected to the source of the low-side FET as well as the ground
terminal for the controller circuit. Connect to system ground and the ground side of CIN
and COUT. The path to CIN must be as short as possible.
SW
5
P
Switching output of the convertor. Internally connected to the source of the high-side FET
and drain of the low-side FET. Connect to power inductor.
BST
6
P
Bootstrap capacitor connection for high-side FET driver. Connect a high-quality, 100-nF
ceramic capacitor from this pin to the SW pin.
SS
7
A
Soft-start and tracking input. An external capacitor connected to this pin sets the internal
voltage reference rising time. See Section 8.3.7 for details. A minimum 6.8-nF ceramic
capacitor must be connected at this pin, which sets the minimum soft-start time to
approximately 1 ms. Do not float.
FB
8
A
Output feedback input. Connect FB to the tap of an external resistor divider from the output
to GND to set output voltage.
(1)
A = Analog, P = Power, G = Ground
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com