Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 11Page - Texas Instruments TPS62933O Datasheet HTML 12Page - Texas Instruments TPS62933O Datasheet HTML 13Page - Texas Instruments TPS62933O Datasheet HTML 14Page - Texas Instruments TPS62933O Datasheet HTML 15Page - Texas Instruments TPS62933O Datasheet HTML 16Page - Texas Instruments TPS62933O Datasheet HTML 17Page - Texas Instruments TPS62933O Datasheet HTML 18Page - Texas Instruments TPS62933O Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
the switching frequency is decreased by the control loop to maintain output voltage regulation when load current
reduces. Switching loss is further reduced in PFM operation due to less frequent switching actions. Since the
integrated current comparator catches the peak inductor current only, the average load current entering PFM
mode varies with the applications and external output LC filters.
In PFM mode, the high-side MOSFET is turned on in a burst of one or more pulses to provide energy to
the load. The duration of the burst depends on how long it takes the feedback voltage catches VREF. The
periodicity of these bursts is adjusted to regulate the output, while zero current crossing detection turns off the
low-side MOSFET to maximize efficiency. This mode provides high light-load efficiency by reducing the amount
of input supply current required to regulate the output voltage at small loads. This trades off very good light-load
efficiency for larger output voltage ripple and variable switching frequency.
8.3.3 Voltage Reference
The internal reference voltage VREF is designed at typical 0.8 V, the negative feedback system of converter
produces a precise ±2% feedback voltage VFB over full temperature by scaling the output of a temperature
stable internal bandgap circuit.
8.3.4 Output Voltage Setting
A precision 0.8-V reference voltage, VREF, is used to maintain a tightly regulated output voltage over the entire
operating temperature range. The output voltage is set by a resistor divider from the output voltage to the FB pin.
It is recommended to use 1% tolerance resistors with a low temperature coefficient for the FB divider. Select the
bottom-side resistor, RFBB, for the desired divider current and use Equation 1 to calculate the top-side resistor,
RFBT. Lower RFBB increases the divider current and reduces efficiency at very light load. Larger RFBB makes
the FB voltage more susceptible to noise, so the larger RFBB value requires more carefully designed feedback
path on the PCB. Setting RFBB = 10 kΩ and RFBT in the range of 10 kΩ to 300 kΩ is recommended for most
applications.
The tolerance and temperature variation of the resistor dividers affect the output voltage regulation.
V
OUT
FB
R
FBT
R
FBB
Figure 8-2. Output Voltage Setting
OUT
REF
FBT
FBB
REF
V
- V
R
=
× R
V
(1)
where
• VREF = 0.8 V, the internal reference voltage
• RFBB = 10 kΩ is recommended
8.3.5 Switching Frequency Selection
The switching frequency is set by the condition of the RT input. The condition of this input is detected when the
device is first enabled. Once the converter is running, the switching frequency selection is fixed and cannot be
changed until the next power-on cycle or EN toggle. Table 8-1 shows the selection programming. In adjustable
frequency mode, the switching frequency can be set between 200 kHz and 2200 kHz by proper selection of RT
resistor. See Equation 2.
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com