Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 12Page - Texas Instruments TPS62933O Datasheet HTML 13Page - Texas Instruments TPS62933O Datasheet HTML 14Page - Texas Instruments TPS62933O Datasheet HTML 15Page - Texas Instruments TPS62933O Datasheet HTML 16Page - Texas Instruments TPS62933O Datasheet HTML 17Page - Texas Instruments TPS62933O Datasheet HTML 18Page - Texas Instruments TPS62933O Datasheet HTML 19Page - Texas Instruments TPS62933O Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
(2)
where
• RT = the value of RT timing resistor in kΩ
• fSW = the switching frequency in kHz
Table 8-1. RT Pin Resistor Settings
RT PIN
RESISTANCE
SWITCHING FREQUENCY
Floating
> 280 kΩ
500 kHz
GND
< 1 kΩ
1200 kHz
RT to GND
8.9 kΩ to 111 kΩ
200 kHz to 2200 kHz
Figure 8-3 indicates the required resistor value for RT to set a desired switching frequency.
RT (kohm)
8
18
28
38
48
58
68
78
88
98
108 118
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
Figure 8-3. Switching Frequency Versus RT
There are four cases where the switching frequency does not conform to the condition set by the RT pin:
• Light load operation (PFM mode)
• Low dropout operation
• Minimum on-time operation
• Current limit tripped
Under all of these cases, the switching frequency folds back, meaning it is less than that programmed by the RT
pin. During these conditions, the output voltage remains in regulation, except for current limit operation.
8.3.6 Enable and Adjusting Undervoltage Lockout
The EN pin provides electrical ON and OFF control of the device. When the EN pin voltage exceeds the enable
threshold voltage, VEN_RISE, the TPS62933 begins operation. If the EN pin voltage is pulled below the disable
threshold voltage, VEN_FALL, the converter stops switching and enters shutdown mode.
The EN pin has an internal pullup current source, which allows the user to float the EN pin to enable the device.
If an application requires control of the EN pin, use open-drain or open-collector or GPIO output logic to interface
with the pin.
The TPS62933 implements internal undervoltage-lockout (UVLO) circuitry on the VIN pin. The device is disabled
when the VIN pin voltage falls below the internal VIN_UVLO threshold. The internal VIN_UVLO threshold has a
hysteresis of typical 300 mV. If an application requires a higher UVLO threshold on the VIN pin, the EN pin can
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com