Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 15Page - Texas Instruments TPS62933O Datasheet HTML 16Page - Texas Instruments TPS62933O Datasheet HTML 17Page - Texas Instruments TPS62933O Datasheet HTML 18Page - Texas Instruments TPS62933O Datasheet HTML 19Page - Texas Instruments TPS62933O Datasheet HTML 20Page - Texas Instruments TPS62933O Datasheet HTML 21Page - Texas Instruments TPS62933O Datasheet HTML 22Page - Texas Instruments TPS62933O Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Vin (V)
12
14
16
18
20
22
24
26
28
30
500
600
700
800
900
1000
1100
1200
1300
Iout=3A
Iout=1.5A
Figure 8-5. Frequency Foldback at TON_MIN, VOUT =
1.8 V, fSW = 1200 kHz
Vin (V)
4
5
6
7
8
9
10
11
12
0
250
500
750
1000
1250
1500
Iout=1.5A
Iout=3A
Figure 8-6. Frequency Foldback at TOFF_MIN, VOUT =
5 V, fSW = 1200 kHz
8.3.9 Frequency Spread Spectrum
In order to reduce EMI, the TPS62933 introduces frequency spread spectrum. The jittering span is typically
Δfc = ±6% of the switching frequency with the modulation frequency of fm = fSW/128. The purpose of spread
spectrum is to eliminate peak emissions at specific frequencies by spreading emissions across a wider range
of frequencies than a part with fixed frequency operation. Figure 8-7 shows the frequency spread spectrum
modulation. Figure 8-8 shows the energy is spread out at the center frequency fc.
Modulation Frequency fm = fsw/128
fmin = fc * (1 - 6%)
Center Frequency fc
fmax = fc * (1 + 6%)
Figure 8-7. Frequency Spread Spectrum Diagram
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com