Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 10Page - Texas Instruments TPS62933O Datasheet HTML 11Page - Texas Instruments TPS62933O Datasheet HTML 12Page - Texas Instruments TPS62933O Datasheet HTML 13Page - Texas Instruments TPS62933O Datasheet HTML 14Page - Texas Instruments TPS62933O Datasheet HTML 15Page - Texas Instruments TPS62933O Datasheet HTML 16Page - Texas Instruments TPS62933O Datasheet HTML 17Page - Texas Instruments TPS62933O Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
8.3 Feature Description
8.3.1 Fixed Frequency Peak Current Mode
The following operation description of the TPS62933 refers to the functional block diagram and to the waveforms
in Figure 8-1. The TPS62933 is a synchronous buck converter with integrated high-side (HS) and low-side (LS)
MOSFETs (synchronous rectifier). The TPS62933 supplies a regulated output voltage by turning on the HS
and LS NMOS switches with controlled duty cycle. During high-side switch on time, the SW pin voltage swings
up to approximately VIN, and the inductor current, iL, increases with linear slope (VIN – VOUT) / L. When the
HS switch is turned off by the control logic, the LS switch is turned on after an anti-shoot–through dead time.
Inductor current discharges through the low-side switch with a slope of –VOUT / L. The control parameter of a
buck converter is defined as Duty Cycle D = tON / TSW, where tON is the high-side switch on time and TSW is
the switching period. The converter control loop maintains a constant output voltage by adjusting the duty cycle
D. In an ideal buck converter where losses are ignored, D is proportional to the output voltage and inversely
proportional to the input voltage: D = VOUT / VIN.
VSW
VIN
D = tON/ TSW
tON
tOFF
TSW
t
0
iL
IOUT
t
0
ILPK
¨LL
Figure 8-1. SW Node and Inductor Current Waveforms in Continuous Conduction Mode (CCM)
The TPS62933 employs the fixed-frequency peak current mode control. A voltage feedback loop is used to
get accurate DC voltage regulation by adjusting the peak current command based on voltage offset. The
peak inductor current is sensed from the HS switch and compared to the peak current threshold to control
the on time of the HS switch. The voltage feedback loop is internally compensated, which allows for fewer
external components, makes it easy to design, and provides stable operation with almost any combination of
output capacitors. The converter operates with fixed switching frequency at normal load condition. At light-load
condition, the TPS62933 operates in PFM mode to maintain high efficiency.
8.3.2 Pulse Frequency Modulation
The TPS62933 is designed to operate in pulse frequency modulation (PFM) mode at light load currents to boost
light load efficiency.
When the load current is lower than half of the peak-to-peak inductor current in CCM, the TPS62933 operates
in discontinuous conduction mode (DCM). In DCM operation, the low-side switch is turned off when the inductor
current drops to approximately 0 A to improve efficiency. Both switching losses and conduction losses are
reduced in DCM, compared to forced CCM operation at light load.
At even lighter current load, pulse frequency modulation (PFM) mode is activated to maintain high-efficiency
operation. When either the minimum high-side switch on time tON_MIN or the minimum peak inductor current
IPEAK_MIN (typically 750 mA) is reached, the switching frequency decreases to maintain regulation. In PFM mode,
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com