Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 19Page - Texas Instruments TPS62933O Datasheet HTML 20Page - Texas Instruments TPS62933O Datasheet HTML 21Page - Texas Instruments TPS62933O Datasheet HTML 22Page - Texas Instruments TPS62933O Datasheet HTML 23Page - Texas Instruments TPS62933O Datasheet HTML 24Page - Texas Instruments TPS62933O Datasheet HTML 25Page - Texas Instruments TPS62933O Datasheet HTML 26Page - Texas Instruments TPS62933O Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Vin (V)
4
4.5
5
5.5
6
6.5
7
7.5
8
3
3.5
4
4.5
5
5.5
Io=0.5A
Io=3A
Figure 8-9. Overall Dropout Characteristic, VOUT = 5 V
8.4.5 Minimum On-Time Operation
Every switching converter has a minimum controllable on time dictated by the inherent delays and blanking
times associated with the control circuits. This imposes a minimum switch duty cycle and, therefore, a minimum
conversion ratio. The constraint is encountered at high input voltages and low output voltages. To help extend
the minimum controllable duty cycle, the TPS62933 automatically reduces the switching frequency when the
minimum on-time limit is reached. This way, the converter can regulate the lowest programmable output voltage
at the maximum input voltage. Use Equation 13 to find an estimate for the approximate input voltage for a given
output voltage before frequency foldback occurs. The values of tON_MIN and ƒSW can be found in Section 7.5.
VIN ”
VOUT
tON_MIN × fSW
(13)
As the input voltage is increased, the switch on time (duty-cycle) reduces to regulate the output voltage. When
the on time reaches the minimum on time, tON_MIN, the switching frequency drops while the on time remains
fixed.
8.4.6 Shutdown Mode
The EN pin provides electrical ON and OFF control for the device. When VEN is below typical 1.1 V, the
TPS62933 is in shutdown mode. The device also employs VIN UVLO protection. If VIN voltage is below their
respective UVLO level, the converter is turned off too.
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com