Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 6Page - Texas Instruments TPS62933O Datasheet HTML 7Page - Texas Instruments TPS62933O Datasheet HTML 8Page - Texas Instruments TPS62933O Datasheet HTML 9Page - Texas Instruments TPS62933O Datasheet HTML 10Page - Texas Instruments TPS62933O Datasheet HTML 11Page - Texas Instruments TPS62933O Datasheet HTML 12Page - Texas Instruments TPS62933O Datasheet HTML 13Page - Texas Instruments TPS62933O Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
I-Load (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Vin=6V
Vin=12V
Vin=19V
Vin=24V
Figure 7-19. Load Regulation, VOUT = 3.3 V, fSW =
500 kHz
I-Load (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Vin=6V
Vin=12V
Vin=19V
Vin=24V
Figure 7-20. Load Regulation, VOUT = 3.3 V, fSW =
1200 kHz
I-Load (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Vin=19V
Vin=24V
Figure 7-21. Load Regulation, VOUT = 12 V, fSW =
500 kHz
Vin (V)
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Iout=0A
Iout=0.03A
Iout=0.3A
Iout=1.5A
Iout=3A
Figure 7-22. Line Regulation, VOUT = 3.3 V, fSW =
500 kHz
Vin (V)
12
14
16
18
20
22
24
26
28
30
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Iout=0A
Iout=0.03A
Iout=0.3A
Iout=1.5A
Iout=3A
Figure 7-23. Line Regulation, VOUT = 12 V, fSW = 500
kHz
I-Load (A)
0.001
0.005
0.02
0.05 0.1
0.2
0.5
1
2 3
0
100
200
300
400
500
600
Vin=6V
Vin=12V
Vin=19V
Vin=24V
Vin=30V
Figure 7-24. Switching Frequency vs Load Current,
VOUT = 3.3 V, fSW = 500 kHz (RT Floating)
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com