Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 21Page - Texas Instruments TPS62933O Datasheet HTML 22Page - Texas Instruments TPS62933O Datasheet HTML 23Page - Texas Instruments TPS62933O Datasheet HTML 24Page - Texas Instruments TPS62933O Datasheet HTML 25Page - Texas Instruments TPS62933O Datasheet HTML 26Page - Texas Instruments TPS62933O Datasheet HTML 27Page - Texas Instruments TPS62933O Datasheet HTML 28Page - Texas Instruments TPS62933O Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
9.2.2 Detailed Design Procedure
9.2.2.1 Custom Design With WEBENCH® Tools
To create a custom design using the TPS62933 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
9.2.2.2 Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the FB pin. TI recommends using 1%
tolerance or better divider resistors. Referring to the application schematic of Figure 9-1, start with 10.2 kΩ for
R7 and use Equation 14 to calculate R6 = 53.6 kΩ. To improve efficiency at light loads, consider using larger
value resistors. If the values are too high, the converter is more susceptible to noise and voltage errors from the
FB input leakage current are noticeable.
6
7
u
OUT
REF
REF
V
V
R
R
V
(14)
Table 9-2 shows the recommended components value for common output voltages.
9.2.2.3 Choosing Switching Frequency
The choice of switching frequency is a compromise between conversion efficiency and overall solution size.
Higher switching frequency allows the use of smaller inductors and output capacitors, and hence, a more
compact design. However, lower switching frequency implies reduced switching losses and usually results in
higher system efficiency, so the 500-kHz switching frequency was chosen for this example, remove the jumper
on JP2 and leave RT pin floating.
Please note the switching frequency is also limited by the following as mentioned in Section 8.3.8:
• Minimum on time of the integrated power switch
• Input voltage
• Output voltage
• Frequency shift limitation
9.2.2.4 Soft-Start Capacitor Selection
The large CSS can reduce inrush current when driving large capacitive load, here chooses 33 nF for C4 which
sets the soft start time tSS to approximately 5 mS.
In addition, the SS pin cannot be floated, a minimum 6.8-nF capacitor must be connected at this pin.
9.2.2.5 Bootstrap Capacitor Selection
A 0.1-µF ceramic capacitor must be connected between the BST to SW pins for proper operation. TI
recommends to use a ceramic capacitor with X5R or better grade dielectric. The capacitor C5 must have a
16-V or higher voltage rating.
www.ti.com
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com