Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 44 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 39Page - Texas Instruments TPS62933O Datasheet HTML 40Page - Texas Instruments TPS62933O Datasheet HTML 41Page - Texas Instruments TPS62933O Datasheet HTML 42Page - Texas Instruments TPS62933O Datasheet HTML 43Page - Texas Instruments TPS62933O Datasheet HTML 44Page - Texas Instruments TPS62933O Datasheet HTML 45Page - Texas Instruments TPS62933O Datasheet HTML 46Page - Texas Instruments TPS62933O Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.7
1.5
6X 0.5
2X 1.5
0.6 MAX
0.18
0.08
8X
0.4
0.2
0.05
0.00
8X
0.27
0.17
B
1.3
1.1
A
2.2
2.0
NOTE 3
SOT-5X3 - 0.6 mm max height
DRL0008A
PLASTIC SMALL OUTLINE
4224486/D 11/2021
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, interlead flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4.Reference JEDEC Registration MO-293, Variation UDAD
1
8
ID AREA
PIN 1
4
5
SEATING PLANE
0.05 C
SCALE 8.000
0.1
C A B
0.05
SYMM
SYMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com