Electronic Components Datasheet Search
  English  ▼

X  

TPS62933O Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62933O
Description  TPS62933 3.8-V to 30-V, 3-A Synchronous Buck Converter in SOT583 Package
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62933O Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS62933O Datasheet HTML 28Page - Texas Instruments TPS62933O Datasheet HTML 29Page - Texas Instruments TPS62933O Datasheet HTML 30Page - Texas Instruments TPS62933O Datasheet HTML 31Page - Texas Instruments TPS62933O Datasheet HTML 32Page - Texas Instruments TPS62933O Datasheet HTML 33Page - Texas Instruments TPS62933O Datasheet HTML 34Page - Texas Instruments TPS62933O Datasheet HTML 35Page - Texas Instruments TPS62933O Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
VIN = 10V/div
4mS/div
VOUT = 2V/div
SS = 2V/div
IL = 2A/div
Figure 9-8. Start-Up Relative to VIN, IOUT = 3 A
VIN = 10V/div
4mS/div
VOUT = 2V/div
SS = 2V/div
IL = 2A/div
Figure 9-9. Shutdown Relative to VIN, IOUT = 3 A
VOUT = 2V/div
2mS/div
EN = 2V/div
SS = 2V/div
IL = 2A/div
Figure 9-10. Start-Up Through EN, IOUT = 3 A
VOUT = 2V/div
2mS/div
EN = 2V/div
SS = 2V/div
IL = 2A/div
Figure 9-11. Shutdown Through EN, IOUT = 3 A
VOUT = 20mV/div (AC coupled)
IL = 500mA/div
4mS/div
Figure 9-12. Steady State, IOUT = 0 A
VOUT = 20mV/div (AC coupled)
IL = 500mA/div
4uS/div
Figure 9-13. Steady State, IOUT = 0.1 A
TPS62933
SLUSEA4A – JUNE 2021 – REVISED DECEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS62933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com