Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 15Page - National Semiconductor (TI) DP8500 Datasheet HTML 16Page - National Semiconductor (TI) DP8500 Datasheet HTML 17Page - National Semiconductor (TI) DP8500 Datasheet HTML 18Page - National Semiconductor (TI) DP8500 Datasheet HTML 19Page - National Semiconductor (TI) DP8500 Datasheet HTML 20Page - National Semiconductor (TI) DP8500 Datasheet HTML 21Page - National Semiconductor (TI) DP8500 Datasheet HTML 22Page - National Semiconductor (TI) DP8500 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
50 Port A Wait State Support
Wait states allow a CPU’s access cycle to be increased by
one or multiple CPU clock periods The wait or ready input is
named differently by CPU manufacturers However any
CPU’s wait or ready input is compatible with either the WAIT
or DTACK output of the DP8520A21A22A The user de-
termines whether to program WAIT or DTACK (R7) and
which value to select for WAIT or DTACK (R2 R3) depend-
ing upon the CPU used and where the CPU samples its wait
input during an access cycle
The decision to terminate the CPU access cycle is directly
affected by the speed of the VRAMs used The system de-
signer must ensure that the data from the VRAMs will be
present for the CPU to sample or that the data has been
written to the VRAM before allowing the CPU access cycle
to terminate
The insertion of wait states also allows a CPU’s access cy-
cle to be extended until the VRAM access has taken place
The DP8520A21A22A insert wait states into CPU access
cycles due to guaranteeing precharge time refresh current-
ly in progress user programmed wait states the WAITIN
signal being asserted and GRANTB not being valid
(DP8522A only) If one of these events is taking place and
the CPU starts an access the DP8520A21A22A will insert
wait states into the access cycle thereby increasing the
length of the CPU’s access Once the event has been com-
pleted the DP8520A21A22A will allow the access to take
place and stop inserting wait states
There are six programming bits R2 – R7 an input WAITIN
and an output that functions as WAIT or DTACK
51 WAIT TYPE OUTPUT
With the R7 address bit negated during programming the
user selects the WAIT output As long as WAIT is sampled
asserted by the CPU wait states (extra clock periods) are
inserted into the current access cycle as shown in
Figure
16 Once WAIT is sampled negated the access cycle is
completed by the CPU WAIT is asserted at the beginning of
a chip selected access and is programmed to negate a
number of positive edges andor negative levels of CLK
from the event that starts the access WAIT can also be
programmed to function in pageburst mode applications
Once WAIT is negated during an access and the ECAS
inputs are negated with AREQ asserted WAIT can be pro-
grammed to toggle following the ECAS inputs Once AREQ
is negated ending the access WAIT will stay negated until
the next chip selected access For more details about WAIT
Type Output see Application Note AN-773
52 DTACK TYPE OUTPUT
With the R7 address bit asserted during programming the
user selects the DTACK type output As long as DTACK is
sampled negated by the CPU wait states are inserted into
the current access cycle as shown in
Figure 17 Once
DTACK is sampled asserted the access cycle is completed
by the CPU DTACK which is normally negated is pro-
grammed to assert a number of positive edges andor neg-
ative levels from the event that starts RAS for the access
DTACK can also be programmed to function during page
burst mode accesses Once DTACK is asserted and the
ECAS inputs are negated with AREQ asserted DTACK can
be programmed to negate and assert from the ECAS inputs
toggling to perform a pageburst mode operation Once
AREQ is negated ending the access DTACK will be negat-
ed and stays negated until the next chip selected access
For more details about DTACK Type Output see Applica-
tion Note AN-773
TLF9338 – 23
FIGURE 16 WAIT Type Output
TLF9338 – 44
FIGURE 17 DTACK Type Output
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com