Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 5Page - National Semiconductor (TI) DP8500 Datasheet HTML 6Page - National Semiconductor (TI) DP8500 Datasheet HTML 7Page - National Semiconductor (TI) DP8500 Datasheet HTML 8Page - National Semiconductor (TI) DP8500 Datasheet HTML 9Page - National Semiconductor (TI) DP8500 Datasheet HTML 10Page - National Semiconductor (TI) DP8500 Datasheet HTML 11Page - National Semiconductor (TI) DP8500 Datasheet HTML 12Page - National Semiconductor (TI) DP8500 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
20 Signal Descriptions (Continued)
Pin
Device (If not
Input
Description
Name
applicable to all)
Output
26 COMMON DUAL PORT SIGNALS
GRANTB
DP8522A
O
GRANT B
This output indicates which port is currently granted access to the
VRAM array When GRANTB is asserted Port B has access to the array When
only
GRANTB is negated Port A has access to the VRAM array This signal is used to
multiplex the signals R0 – 8 9 10 C0 – 8 9 10 B0 – 1 WIN LOCK and ECAS0–1
to the DP8522A when using dual accessing
LOCK
DP8522A
I
LOCK
This input can be used by the currently granted port to ‘‘lock out’’ the
other port from the VRAM array by inserting wait states into the locked out port’s
only
access cycle until LOCK is negated
27 VRAM TRANSFER CYCLE SIGNALS
AVSRLRQ
I
ADVANCED VIDEO SHIFT REGISTER LOAD REQUEST
This must precede
the VSRL input going low by the amount of time necessary to guarantee that any
currently executing access and pending refresh can finish This input disables
Port B and refresh requests until four CLK periods after VSRL has transitioned
low This input may be held low until the video RAM transfer cycle is completed
or may be momentarily pulsed low
VSRL
I
VIDEO SHIFT REGISTER LOAD
This input causes the DT OE output to
transition low immediately Therefore when executing a video RAM shift register
load VSRL transitions low before RAS goes low The DT OE output will
transition high from VSRL going high or four CLK periods (rising clock edges)
from VSRL going low whichever occurs first VSRL low also disables the WIN
input from affecting the DT OE logic until the video shift register load access is
over
28 POWER SIGNALS AND CAPACITOR INPUT
VCC
I
POWER
Supply Voltage
GND
I
GROUND
Supply Voltage Reference
CAP
I
CAPACITOR
This input is used by the internal PLL for stabilization The value of
the ceramic capacitor should be 01 mF and should be connected between this
input and ground
29 CLOCK INPUTS
There are two clock inputs to the DP8520A21A22A CLK and DELCLK These two clocks may both be tied to the same clock input
or they may be two separate clocks running at different frequencies asynchronous to each other
CLK
I
SYSTEM CLOCK
This input may be in the range of 0 Hz up to 25 MHz This
input is generally a constant frequency but it may be controlled externally to
change frequencies or perhaps be stopped for some arbitrary period of time
This input provides the clock to the internal state machine that arbitrates
between accesses and refreshes This clock’s positive edges and negative
levels are used to extend the WAIT (DTACK) signals Ths clock is also used as
the reference for the RAS precharge time and RAS low time during refresh
All Port A and Port B accesses are assumed to be synchronous to the system
clock CLK
DELCLK
I
DELAY LINE CLOCK
The clock input DELCLK may be in the range of 6 MHz to
20 MHz and should be a multiple of 2 (ie 6 8 10 12 14 16 18 20 MHz) to
have the DP8520A21A22A switching characteristics hold If DELCLK is not
one of the above frequencies the accuracy of the internal delay line will suffer
This is because the phase locked loop that generates the delay line assumes an
input clock frequency of a multiple of 2 MHz
For example if the DELCLK input is at 7 MHz and we choose a divide by 3
(program bits C0 – 2) this will produce 2333 MHz which is 16667% off of 2 MHz
Therefore the DP8520A21A22A delay line would produce delays that are
shorter (faster delays) than what is intended If divide by 4 was chosen the delay
line would be longer (slower delays) than intended (175 MHz instead of 2 MHz)
(See Section 10 for more information)
This clock is also divided to create the internal refresh clock
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com