Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 32Page - National Semiconductor (TI) DP8500 Datasheet HTML 33Page - National Semiconductor (TI) DP8500 Datasheet HTML 34Page - National Semiconductor (TI) DP8500 Datasheet HTML 35Page - National Semiconductor (TI) DP8500 Datasheet HTML 36Page - National Semiconductor (TI) DP8500 Datasheet HTML 37Page - National Semiconductor (TI) DP8500 Datasheet HTML 38Page - National Semiconductor (TI) DP8500 Datasheet HTML 39Page - National Semiconductor (TI) DP8500 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
80 RAS and CAS Configuration Modes (Continued)
85 PAGEBURST MODE
In a static column page or burst mode system the least
significant bits must be tied to the column address in order
to ensure that the pageburst accesses are to sequential
memory addresses as shown in
Figure 44 In a nibble mode
system the two least significant address bits (A2 A3) must
be tied to the highest row and column address inputs (de-
pends on VRAM size) to ensure that the toggling bits of
nibble mode VRAMs are to sequential memory addresses
The ECAS inputs may then be toggled with the DP8520A
21A22A’s address latches in fall-through mode
while
AREQ is asserted The ECAS inputs can also be used to
select individual bytes When using nibble mode VRAMS
the third and fourth address bits can be tied to the bank
select inputs to perform memory interleaving In page or
static column modes the two address bits after the page
size can be tied to the bank select inputs to select a new
bank if the page size is exceeded
TLF9338 – 95
See table below for row column
bank address bit map A0A1 are used for byte addressing in this example
Addresses
Nibble Mode
Page ModeStatic Column Mode Page Size
256 BitsPage
512 BitsPage
1024 BitsPage
2048 BitsPage
Column
R9 C9 e A2 A3
C0 – 7 e A2–9
C0–8 e A2–10
C0–9 e A2–11
C0–10 e A2–12
Address
C0 – 8 e X
C8–10 e X
C910 e X
C10 e X
Row
XX
X
X
X
Address
B0
A4
A10
A11
A12
A13
B1
A5
A11
A12
A13
A14
Assuming 1 M-bit Vrams are being used
Assume that the least significant address bits are used for byte addressing Given a 32-bit system A0A1 would be
used for byte addressing
X e DON’T CARE the user can do as he pleases
FIGURE 44 Page Static Column Nibble Mode System
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com