Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 46Page - National Semiconductor (TI) DP8500 Datasheet HTML 47Page - National Semiconductor (TI) DP8500 Datasheet HTML 48Page - National Semiconductor (TI) DP8500 Datasheet HTML 49Page - National Semiconductor (TI) DP8500 Datasheet HTML 50Page - National Semiconductor (TI) DP8500 Datasheet HTML 51Page - National Semiconductor (TI) DP8500 Datasheet HTML 52Page - National Semiconductor (TI) DP8500 Datasheet HTML 53Page - National Semiconductor (TI) DP8500 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
150 AC Timing Parameters DP8520ADP8521ADP8522A (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 VRAMs
per bank including trace capacitance (see Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 and 10 or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 and 10
Common Parameter
8520A21A22A-25
Number
Symbol
Description
CL
CH
Min
Max
Min
Max
21
tPEDL
ECAS Asserted to DTACK
Asserted during a Burst Access
38
38
(Programmed as DTACK0)
22
tPEDH
ECAS Negated to DTACK
38
38
Negated during a Burst Access
23
tSWCK
WAITIN Asserted Setup to CLK
5
5
26
tPAQ
Row Column Address Valid to
26
35
Q0 – 8 9 10 Valid
27
tPCINCQ
COLINC Asserted to Q0 – 8 9 10
30
39
Incremented
28
tSCINEN
COLINC Asserted Setup to ECAS
17
19
Asserted to Ensure tASC e 0ns
29a
tSARQCK1
AREQ Negated Setup to CLK
37
37
High with 1 Period of Precharge
29b
tSARQCK2
AREQ Negated Setup to CLK High with
15
15
l
1 Period of Precharge Programmed
30
tPAREQDH
AREQ Negated to DTACK Negated
27
27
31
tPCKCAS
CLK High to CAS Asserted
25
32
when Delayed by WIN
32
tSCADEN
Column Address Setup to ECAS
14
16
Asserted to Guarantee tASC e 0
33
tWCINC
COLINC Pulse Width
20
20
34a
tPCKCL0
CLK High to CAS Asserted following
72
79
Precharge (tRAH e 15 ns tASC e 0 ns)
34b
tPCKCL1
CLK High to CAS Asserted following
82
89
Precharge (tRAH e 25 ns tASC e 0 ns)
34c
tPCKCL2
CLK High to CAS Asserted following
82
89
Precharge (tRAH e 25 ns tASC e 0 ns)
34d
tPCKCL3
CLK High to CAS Asserted following
92
99
Precharge (tRAH e 25 ns tASC e 10 ns)
35
tCAH
Column Address Hold Time
32
32
(Interleave Mode Only)
36
tPCQR
CAS Asserted to Row Address
90
90
Valid (Interleave Mode Only)
37
tPCASDTH
CAS Asserted to DT OE
14
24
Asserted for a VRAM Read Access
38
tPCASDTL
CAS Negated to DT OE
14
24
Negated for a VRAM Read Access
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com