Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 52Page - National Semiconductor (TI) DP8500 Datasheet HTML 53Page - National Semiconductor (TI) DP8500 Datasheet HTML 54Page - National Semiconductor (TI) DP8500 Datasheet HTML 55Page - National Semiconductor (TI) DP8500 Datasheet HTML 56Page - National Semiconductor (TI) DP8500 Datasheet HTML 57Page - National Semiconductor (TI) DP8500 Datasheet HTML 58Page - National Semiconductor (TI) DP8500 Datasheet HTML 59Page - National Semiconductor (TI) DP8500 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
150 AC Timing Parameters DP8520ADP8521ADP8522A (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 VRAMs
per bank including trace capacitance (see Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 and 10 or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 and 10
Mode 1 Dual Access
8520A21A22A-25
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
450
tSADDCKG
Row Address Setup to CLK High That
Asserts RAS following a GRANTB
11
16
Port Change to Ensure tASR e 0ns
451
tPCKRASG
CLK High to RAS Asserted
38
42
for Pending Access
452
tPCLKDL2
CLK to DTACK Asserted for Delayed
43
43
Accesses (Programmed as DTACK0)
453a
tPCKCASG0
CLK High to CAS Asserted
for Pending Access
86
93
(tRAH e 15 ns tASC e 0 ns)
453b
tPCKCASG1
CLK High to CAS Asserted
for Pending Access
96
103
(tRAH e 15 ns tASC e 10 ns)
453c
tPCKCASG2
CLK High to CAS Asserted
for Pending Access
96
103
(tRAH e 25 ns tASC e 0 ns)
453d
tPCKCASG3
CLK High to CAS Asserted
for Pending Access
106
113
(tRAH e 25 ns tASC e 10 ns)
454
tSBADDCKG
Bank Address Valid Setp to CLK High
44
That Asserts RAS for Pending Access
455
tSADSCK0
ADS Asserted Setup to CLK High
11
11
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com