| Electronic Components Datasheet Search |
|
DP8500 Datasheet(PDF) 38 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8500 Datasheet(HTML) 38 Page - National Semiconductor (TI) |
|
38 / 70 page ![]() 90 Programming and Resetting (Continued) TLF9338 – 98 FIGURE 47 CS Access Programming Using this method various programming schemes can be used For example if extra upper address bits are available an unused high order address bit can be tied to the signal ML Using this method one need only write to a page of memory thus asserting the high order bit and in turn pro- gramming the chip as shown in Figure 48 TLF9338 – 99 FIGURE 48 Programming the DP8520A21A22A through the Address Bus Only An IO port can also be used to assert ML After ML is asserted a chip selected access can be performed to pro- gram the chip After the chip selected access ML can be negated through the IO port as shown in Figure 49 TLF9338 – A0 FIGURE 49 Programming the DP8520A21A22A through the Address Bus and an IO Port Another simple way the chip can be programmed is the first write after system reset This method requires only a flip- flop and an OR gate as shown in Figure 50 At reset the flip- flop is preset which pulls the Q output low Since WR is negated ML is not enabled The first write access is used to program the chip When WR is asserted ML is asserted WR negated clocks the flip-flop negates ML and programs the DP8520A21A22A with the address and ECAS0 avail- able at that time CS does not need to be asserted using this method TLF9338 – A1 FIGURE 50 Programming the DP8520A21A22A on the First CPU Write after Power Up 38 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |