Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 42Page - National Semiconductor (TI) DP8500 Datasheet HTML 43Page - National Semiconductor (TI) DP8500 Datasheet HTML 44Page - National Semiconductor (TI) DP8500 Datasheet HTML 45Page - National Semiconductor (TI) DP8500 Datasheet HTML 46Page - National Semiconductor (TI) DP8500 Datasheet HTML 47Page - National Semiconductor (TI) DP8500 Datasheet HTML 48Page - National Semiconductor (TI) DP8500 Datasheet HTML 49Page - National Semiconductor (TI) DP8500 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
120 Dual Accessing Functions (DP8522A) (Continued)
Since the DP8522A has only one set of address inputs the
signal is used with the addition of buffers to allow the cur-
rently granted port’s addresses to reach the DP8522A The
signals which need to be bufferred are R0 – 10 C0 – 10
B0 – 1 ECAS0 – 1 and LOCK All other inputs are not com-
mon and do not have to be buffered as shown in
Figure 58a
If a Port which is not currently granted tries to access
the VRAM array the GRANTB output will transition from a
rising clock edge from AREQ or AREQB negating and will
preceed the RAS for the access by one or two clock peri-
ods GRANTB will then stay in this state until the other port
requests an access and the currently granted port is not
accessing the VRAM as shown in
Figure 58b
Dual Accessing Using the DP8522A
TLF9338 – 1
If Port B is synchronous the Request Synchronizing logic will not be required
FIGURE 58a Dual Accessing Using the DP8522A to interface a CPU and a Graphics Processor to a Video RAM System
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com