Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 62Page - National Semiconductor (TI) DP8500 Datasheet HTML 63Page - National Semiconductor (TI) DP8500 Datasheet HTML 64Page - National Semiconductor (TI) DP8500 Datasheet HTML 65Page - National Semiconductor (TI) DP8500 Datasheet HTML 66Page - National Semiconductor (TI) DP8500 Datasheet HTML 67Page - National Semiconductor (TI) DP8500 Datasheet HTML 68Page - National Semiconductor (TI) DP8500 Datasheet HTML 69Page - National Semiconductor (TI) DP8500 Datasheet HTML 70Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
180 Description of a DP8522ADP8500 System Interface (Continued)
TLF9338 – C4
FIGURE 70 DP8422ADP8500 (RGP) Interface Block Diagram
The main idea of the block diagram in
Figure 73 is to cause
the video DRAM shift register load operation to happen cor-
rectly Once the DP8500 (RGP) issues the Display Refresh
REQuest signal (DRREQ) the system knows that the video
shift register load operation should occur at a certain de-
fined time later In the block diagram this time is controlled
by the counter device This counter determines when VSRL
transitions high thereby causing the video shift register load
operation
In the upper part of the block diagram is the ‘‘REFRESH’’
output that is used as the ‘‘VSRL’’ input of the DP8522A
and is also used to create ‘‘REFRESH NOT DONE’’ To
creat the ‘‘REFRESH’’ output a NAND latch is used This
latch is set when a screen refresh is in progress shown by
the RGP outputs ALE B0 and B1 all being high If the
status of the RGP is anything other than screen refresh the
latch is reset The latch is also reset during a screen refresh
when the load shift register counter times out This counter
determines when the ‘‘VSRL’’ input of the DP8522A tran-
sitions high causing the video DRAMs to load a row of data
into their shift registers
The ‘‘REFRESH’’ signal along with the load shift register
counter output ‘‘NOT DONE’’ are used to create the
‘‘REFRESH NOT DONE’’ signal This output is used for two
purposes One of which is to hold the ‘‘WAIT’’ output low
thereby inserting WAIT states into the RGP video shift regis-
ter load access The other purpose is to hold ‘‘DT OE’’ low
until ‘‘VSRL’’ transitions high
Important setup timing parameters which must be met for a
DP8500(RGP) – DP8522A system (assuming RGP is running
at 20 MHz (TCP e 50 ns))
1 Address Setup to ADS Asserted
e
1TCP b
tALV a Derating the DP8500 Spec for Light
Load b tPF373 a Min PAL Delay to Produce ADS
AREQ
e
50 ns b 38 ns a 5ns b 8ns a 2ns
e
11 ns
(Using Light Load Timing Specs the DP8520A21A22A
Needs)
9 ns Setup for Row Address to ADS Asserted
11 ns Setup for Bank Address to ADS Asserted
2 ADS Setup to Clock Rising Edge
e
1TCP b
tALEV b Max PAL Delay
e
50 ns b 26 ns b 10 ns
e
14 ns
(DP8520A21A22A Needs 7 ns)
3 WAIT Negated Setup to Clock
e
1TCP b $18 b Max PAL Delay
e
50 ns b 28 ns b 10 ns
e
12 ns
(The DP8500 Needs 5 ns Setup Time)
Note 1
‘‘$’’ symbol refers to a DP8520A21A22A timing parameter
Note 2
‘‘ ’’ symbol refers to a DP8500 timing parameter
Note 3
ALE asserted by the RGP (DP8500) should use the system PAL to
assert WAIT in order to guarantee proper setup time DTACK low should
then be used to negate the WAIT signal through PAL equations
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com