Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 22Page - National Semiconductor (TI) DP8500 Datasheet HTML 23Page - National Semiconductor (TI) DP8500 Datasheet HTML 24Page - National Semiconductor (TI) DP8500 Datasheet HTML 25Page - National Semiconductor (TI) DP8500 Datasheet HTML 26Page - National Semiconductor (TI) DP8500 Datasheet HTML 27Page - National Semiconductor (TI) DP8500 Datasheet HTML 28Page - National Semiconductor (TI) DP8500 Datasheet HTML 29Page - National Semiconductor (TI) DP8500 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
60 DP8520A21A22A Video RAM Support (Continued)
During a transfer cycle (VSRL asserted during the access)
WIN is disabled from affecting the DT OE logic until the
transfer cycle is completed as shown by CAS negating Dur-
ing a transfer cycle the SOE (Serial Output Enable) input to
the VRAM is asserted and is used as an output control for a
read transfer cycle and is used as a write enable control
during a write transfer cycle When SOE is negated serial
access is disabled and a transfer cycle cannot take place
SOE asserted during a read enables the serial inputoutput
bus SIO (0 – 3) while the VRAM data bus (DQ0 – 3) is put
into a high impedance state thus allowing the transfer cycle
to take place from the serial port In addition to both read
and write transfer cycles the DP8520A21A22A also sup-
ports pseudo write transfer cycles (see
Figure 26 ) A pseu-
do write transfer cycle must be performed after a read trans-
fer cycle if the subsequent operation is a write transfer cy-
cle The DP8520A21A22A VRAM controller is operated
as if it is doing a write transfer cycle but since the SOE input
to the VRAM is negated (disabling the serial port) a transfer
doesn’t take place The purpose of this pseudo write trans-
fer cycle is to switch the SIO (0 – 3) lines of the VRAM’s
serial port from output mode to input mode
TLF9338 – 79
FIGURE 26 Video RAM Timing Pseudo WRITE Transfer Cycle B Port Active
(Transfer Shift Register Data into VRAM Row)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com