Electronic Components Datasheet Search
  English  ▼

X  

DP8500 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 61Page - National Semiconductor (TI) DP8500 Datasheet HTML 62Page - National Semiconductor (TI) DP8500 Datasheet HTML 63Page - National Semiconductor (TI) DP8500 Datasheet HTML 64Page - National Semiconductor (TI) DP8500 Datasheet HTML 65Page - National Semiconductor (TI) DP8500 Datasheet HTML 66Page - National Semiconductor (TI) DP8500 Datasheet HTML 67Page - National Semiconductor (TI) DP8500 Datasheet HTML 68Page - National Semiconductor (TI) DP8500 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
160 Functional Differences
between the DP8520A21A22A
and the DP85202122
1 Extending the Column Address Strobe (CAS)
CAS can be extended indefinitely after AREQ transitions
high in non-interleaved mode only providing that the user
program the DP8520A21A22A with the ECAS0 (negat-
ed) during programming To extend CAS the user contin-
ues to assert any or multiple ECASs after negating
AREQ Extending CAS with RAS negated can be used to
gain RAS precharge time By negating AREQ RAS will be
negated The user can then continue to assert a one or
both of the ECASs which will keep CAS asserted By
keeping CAS asserted with RAS negated the VRAM will
keep the data valid until CAS is negated Even though
CAS will be extended DTACK output will always end
from AREQ negated
2 Extending DT OE Functionality
The DT OE output will follow the CAS output during a
VRAM read access and will remain negated during a
VRAM write access For the DP85202122 the DT OE
output remained negated for all VRAM access cycles
This will allow the VRAM to drive the data bus There are
2 options for the function of the DT OE output during a
video shift register load operation With ECAS0 negated
during programming the DT OE output will follow the
VSRL input during video shift register load operations
With the ECAS0 asserted during programming VSRL will
assert DT OE VSRL negated before four rising clock
edges will cause DT OE to be negated VSRL asserted
more than four rising clock edges will cause DT OE to be
negated from the fourth rising clock edge
3 Dual Accessing
RAS will be asserted either one or two clock periods after
GRANTB has been asserted The amount of RAS low
and high time programmed by bits R0 and R1 deter-
mines the number of clock periods after GRANTB chang-
es before RAS will start This is shown in the table below
RAS
RAS Asserted
RAS Asserted from
R0 R1 Precharge
During
GRANTB Change
Time
Refresh
0 0
1T
2T
1 Rising Clock Edge
0 1
2T
2T
1 Rising Clock Edge
1 0
2T
3T
2 Rising Clock Edges
1 1
3T
4T
2 Rising Clock Edges
4 Refresh Clock Counter
The refresh clock counter will count and assert RFRQ
externally when it is time to do a refresh This will occur
even when internal refreshes are disabled This allows
the user to run the chip in a requestacknowledge mode
for refreshing ECAS0 is used to program the RFIP output
to act as either refresh request (RFRQ) or RFIP ECAS0
asserted during programming causes the RFIP output to
function as RFIP ECAS0 negated during programming
causes the RFIP output to function as RFRQ
5 Clearing the Refresh Clock
The refresh clock counter is cleared by negating
DISRFSH and asserting RFSH for at least 500 ns
170 DP8520A21A22A User Hints
1 All inputs to the DP8520A21A22A should be tied high
low or the output of some other device
Note One signal is active high COLINC (EXTNDRF) should be tied low
to disable
2 Each ground on the DP8520A21A22A must be decou-
pled to the closest on-chip supply (VCC) with 01 mF ce-
ramic capacitor
This is necessary because these
grounds are kept separate inside the DP8520A21A
22A The decoupling capacitors should be placed as
close as possible with short leads to the ground and sup-
ply pins of the DP8520A21A22A
3 The output called ‘‘CAP’’ should have a 01 mF capacitor
to ground
4 The DP8520A21A22A has 20X series damping resis-
tors built into the output drivers of RAS CAS address
and DT OE Space should be provided for external
damping resistors on the printed circuit board (or wire-
wrap board) because they may be needed The value of
these damping resistors (if needed) will vary depending
upon the output the capacitance of the load and the
characteristics of the trace as well as the routing of the
trace The value of the damping resistor also may vary
between the wire-wrap board and the printed circuit
board To determine the value of the series damping re-
sistor it is recommended to use an oscilloscope and look
at the furthest VRAM from the DP8520A21A22A The
undershoot of RAS CAS DT OE and the addresses
should be kept to less than 05V below ground by varying
the value of the damping resistor The damping resistors
should be placed as close as possible with short leads to
the driver outputs of the DP8520A21A22A
5 The circuit board must have a good VCC and ground
plane connection If the board is wire-wrapped the VCC
and ground pins of the DP8520A21A22A the VRAM
associated logic and buffer circuitry must be soldered to
the VCC and ground planes
6 The traces from the DP8520A21A22A to the VRAM
should be as short as possible
7 ECAS0 should be held low during programming if the user
wishes that the DP8520A21A22A be compatible with a
DP85202122 design
180 Description of a DP8522A
DP8500 System Interface
Several simple block and timing diagrams are inserted to
help the user design a system interface between the
DP8520A21A22A VRAM controller and the Raster Graph-
ics Processor DP8500 (as shown in
Figure 70 ) For access-
ing the VRAM the DP8520A21A22A uses the RGP’s
PHI 2 clock as an input clock and it runs in Mode 1 (asyn-
chronous mode) This allows the user to guarantee row col-
umn and bank address set up times to a rising clock edge
(as shown in timing calculations provided) This system de-
sign uses a PAL
to interface the access request logic and
the wait logic between the DP8522A and the RGP External
logic is also needed for plane control
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com