Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 41 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 37Page - Analog Devices ADV7321 Datasheet HTML 38Page - Analog Devices ADV7321 Datasheet HTML 39Page - Analog Devices ADV7321 Datasheet HTML 40Page - Analog Devices ADV7321 Datasheet HTML 41Page - Analog Devices ADV7321 Datasheet HTML 42Page - Analog Devices ADV7321 Datasheet HTML 43Page - Analog Devices ADV7321 Datasheet HTML 44Page - Analog Devices ADV7321 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 41 of 88
FEATURES
OUTPUT CONFIGURATION
Table 23, Table 24, and Table 25 demonstrate what output signals are assigned to the DACs when the control bits are set accordingly.
Table 23. Output Configuration in SD Only Mode
RGB/YUV Output
0x02, Bit 5
SD DAC Output 1
0x42, Bit 2
SD DAC Output 2
0x42, Bit 1
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
0
0
0
CVBS
Luma
Chroma
G
B
R
0
0
1
G
B
R
CVBS
Luma
Chroma
0
1
0
G
Luma
Chroma
CVBS
B
R
0
1
1
CVBS
B
R
G
Luma
Chroma
1
0
0
CVBS
Luma
Chroma
Y
U
V
1
0
1
Y
U
V
CVBS
Luma
Chroma
1
1
0
Y
Luma
Chroma
CVBS
U
V
1
1
1
CVBS
U
V
Y
Luma
Chroma
Luma/Chroma Swap 0x44, Bit 7
0
Table as above
1
Table as above, but with all luma/chroma instances swapped
Table 24. Output Configuration in HD/PS Only Mode
HD/PS Input
Format
HD/PS RGB Input
0x15, Bit 1
RGB/YPrPb Output
0x02, Bit 5
HD/PS Color Swap
0x15, Bit 3
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
YCrCb 4:2:2
0
0
0
N/A
N/A
N/A
G
B
R
YCrCb 4:2:2
0
0
1
N/A
N/A
N/A
G
R
B
YCrCb 4:2:2
0
1
0
N/A
N/A
N/A
Y
Pb
Pr
YCrCb 4:2:2
0
1
1
N/A
N/A
N/A
Y
Pr
Pb
YCrCb 4:4:4
0
0
0
N/A
N/A
N/A
G
B
R
YCrCb 4:4:4
0
0
1
N/A
N/A
N/A
G
R
B
YCrCb 4:4:4
0
1
0
N/A
N/A
N/A
Y
Pb
Pr
YCrCb 4:4:4
0
1
1
N/A
N/A
N/A
Y
Pr
Pb
RGB 4:4:4
1
0
0
N/A
N/A
N/A
G
B
R
RGB 4:4:4
1
0
1
N/A
N/A
N/A
G
R
B
RGB 4:4:4
1
1
0
N/A
N/A
N/A
G
B
R
RGB 4:4:4
1
1
1
N/A
N/A
N/A
G
R
B
Table 25. Output Configuration in Simultaneous SD and HD/PS Only Mode
Input Formats
RGB/YPrPb Output
0x02, Bit 5
HD/PS Color Swap
0x15, Bit 3
DAC A
DAC B
DAC C
DAC D
DAC E
DAC F
ITU-R.BT656 and HD
YCrCb in 4:2:2
0
0
CVBS
Luma
Chroma
G
B
R
ITU-R.BT656 and HD
YCrCb in 4:2:2
0
1
CVBS
Luma
Chroma
G
R
B
ITU-R.BT656 and HD
YCrCb in 4:2:2
1
0
CVBS
Luma
Chroma
Y
Pb
Pr
ITU-R.BT656 and HD
YCrCb in 4:2:2
1
1
CVBS
Luma
Chroma
Y
Pr
Pb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com