Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 52 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 48Page - Analog Devices ADV7321 Datasheet HTML 49Page - Analog Devices ADV7321 Datasheet HTML 50Page - Analog Devices ADV7321 Datasheet HTML 51Page - Analog Devices ADV7321 Datasheet HTML 52Page - Analog Devices ADV7321 Datasheet HTML 53Page - Analog Devices ADV7321 Datasheet HTML 54Page - Analog Devices ADV7321 Datasheet HTML 55Page - Analog Devices ADV7321 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 52 of 88
SD Brightness Detect
[Subaddress 0x7A]
The ADV7320/ADV7321 allow monitoring the brightness level
of the incoming video data. Brightness detect is a read-only
register.
Double Buffering
[Subaddress 0x13, Bit 7; Subaddress 0x48, Bit 2]
Double buffered registers are updated once per field upon the
falling edge of the Vsync signal. Double buffering improves the
overall performance because modifications to register settings
will not be made during active video, but take effect upon the
start of the active video.
Double buffering can be activated on the following HD
registers: HD gamma A and gamma B curves and HD CGMS
registers.
Double buffering can be activated on the following SD registers:
SD gamma A and gamma B curves, SD Y scale, SD U scale, SD V
scale, SD brightness, SD closed captioning, and SD Macrovision
Bits 5 to 0.
NTSC WITHOUT PEDESTAL
NO SETUP
VALUE ADDED
POSITIVE SETUP
VALUE ADDED
100 IRE
0 IRE
NEGATIVE SETUP
VALUE ADDED
–7.5 IRE
+7.5 IRE
Figure 69. Examples of Brightness Control Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com