Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 68 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 64Page - Analog Devices ADV7321 Datasheet HTML 65Page - Analog Devices ADV7321 Datasheet HTML 66Page - Analog Devices ADV7321 Datasheet HTML 67Page - Analog Devices ADV7321 Datasheet HTML 68Page - Analog Devices ADV7321 Datasheet HTML 69Page - Analog Devices ADV7321 Datasheet HTML 70Page - Analog Devices ADV7321 Datasheet HTML 71Page - Analog Devices ADV7321 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 68 of 88
APPENDIX 2—SD WIDE SCREEN SIGNALING
[Subaddresses 0x59, 0x5A, 0x5B]
The ADV7320/ADV7321 support wide screen signaling (WSS)
conforming to the ETS 300 294 standard. WSS data is
transmitted on Line 23. WSS data can be transmitted only when
the device is configured in PAL mode. The WSS data is 14 bits
long, and the function of each of these bits is shown in Table 40.
The WSS data is preceded by a run-in sequence and a start
code; see Figure 97. If SD WSS [Address 0x59, Bit 7] is set to
Logic 1, it enables the WSS data to be transmitted on Line 23.
The latter portion of Line 23 (42.5 s from the falling edge of
HSYNC) is available for the insertion of video. It is possible to
blank the WSS portion of Line 23 with Subaddress 0x61, Bit 7.
Table 40. Function of WSS Bits
Bit
Description
Bit 0 to Bit 2
Aspect Ratio/Format/Position
Bit 3
Odd Parity Check of Bit 0 to Bit 2
B0
B1
B2
B3
Aspect Ratio
Format
Position
0
0
0
1
4:3
Full Format
N/A
1
0
0
0
14:9
Letterbox
Center
0
1
0
0
14:9
Letterbox
Top
1
1
0
1
16:9
Letterbox
Center
0
0
1
0
16:9
Letterbox
Top
1
0
1
1
>16:9
Letterbox
Center
0
1
1
1
14:9
Full Format
Center
1
1
1
0
16:9
N/A
N/A
1
1
1
0
16:9
B4
0
Camera Mode
1
Film Mode
B5
0
Standard Coding
1
Motion Adaptive Color Plus
B6
0
No Helper
1
Modulated Helper
B7
Reserved
B9
B10
0
0
No Open Subtitles
1
0
Subtitles in Active Image Area
0
1
Subtitles out of Active Image Area
1
1
Reserved
B11
0
No Surround Sound Information
1
Surround Sound Mode
B12
Reserved
B13
Reserved
ACTIVE
VIDEO
RUN-IN
SEQUENCE
START
CODE
500mV
11.0
µs
38.4
µs
42.5
µs
W0
W1
W2
W3
W4
W5
W6
W7
W8
W9
W10 W11 W12 W13
Figure 97. WSS Waveform Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com