Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 82 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 82 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 78Page - Analog Devices ADV7321 Datasheet HTML 79Page - Analog Devices ADV7321 Datasheet HTML 80Page - Analog Devices ADV7321 Datasheet HTML 81Page - Analog Devices ADV7321 Datasheet HTML 82Page - Analog Devices ADV7321 Datasheet HTML 83Page - Analog Devices ADV7321 Datasheet HTML 84Page - Analog Devices ADV7321 Datasheet HTML 85Page - Analog Devices ADV7321 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 82 of 88
APPENDIX 7—VIDEO OUTPUT LEVELS
HD YPrPb OUTPUT LEVELS
INPUT CODE
940
64
EIA-770.2, STANDARD FOR Y
OUTPUT VOLTAGE
300mV
700mV
700mV
960
64
EIA-770.2, STANDARD FOR Pr/Pb
OUTPUT VOLTAGE
512
Figure 123. EIA 770.2 Standard Output Signals (525p/625p)
782mV
714mV
286mV
700mV
INPUT CODE
940
64
EIA-770.1, STANDARD FOR Y
OUTPUT VOLTAGE
960
64
EIA-770.1, STANDARD FOR Pr/Pb
OUTPUT VOLTAGE
512
Figure 124. EIA 770.1 Standard Output Signals (525p/625p)
300mV
INPUT CODE
940
64
EIA-770.3, STANDARD FOR Y
OUTPUT VOLTAGE
700mV
700mV
600mV
960
64
EIA-770.3, STANDARD FOR Pr/Pb
OUTPUT VOLTAGE
512
Figure 125. EIA 770.3 Standard Output Signals (1080i/720p)
300mV
300mV
700mV
700mV
INPUT CODE
1023
64
Y–OUTPUT LEVELS FOR
FULL INPUT SELECTION
OUTPUT VOLTAGE
1023
64
Pr/Pb–OUTPUT LEVELS FOR
FULL INPUT SELECTION
OUTPUT VOLTAGE
INPUT CODE
Figure 126. Output Levels for Full Input Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com