Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 78 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 74Page - Analog Devices ADV7321 Datasheet HTML 75Page - Analog Devices ADV7321 Datasheet HTML 76Page - Analog Devices ADV7321 Datasheet HTML 77Page - Analog Devices ADV7321 Datasheet HTML 78Page - Analog Devices ADV7321 Datasheet HTML 79Page - Analog Devices ADV7321 Datasheet HTML 80Page - Analog Devices ADV7321 Datasheet HTML 81Page - Analog Devices ADV7321 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 78 of 88
MODE 2— SLAVE OPTION
(TIMING REGISTER 0 TR0 = X X X X X 1 0 0)
In this mode, the ADV7320/ADV7321 accept horizontal and
vertical sync signals. A coincident low transition of both HSYNC
and VSYNC inputs indicates the start of an odd field. A VSYNC
low transition when HSYNC is high indicates the start of an even
field. The BLANK signal is optional. When the BLANK input is
disabled, ADV7320/ADV7321 automatically blank all normally
blank lines as per CCIR-624. HSYNC, BLANK, and VSYNC are
input on S_HSYNC, S_BLANK, and S_VSYNC, respectively.
522
523
524
525
9
10
11
20
21
22
DISPLAY
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
283
284
285
ODD FIELD
EVEN FIELD
DISPLAY
DISPLAY
VERTICAL BLANK
5
7
6
4
3
2
1
8
HSYNC
BLANK
VSYNC
HSYNC
BLANK
VSYNC
Figure 116. SD Slave Mode 2 (NTSC)
622
623
624
625
21
22
23
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
DISPLAY
309
310
311
312
313
314
315
316
317
318
319
334
335
336
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
DISPLAY
320
7
6
5
4
3
2
1
HSYNC
BLANK
VSYNC
HSYNC
BLANK
VSYNC
Figure 117. SD Slave Mode 2 (PAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com