Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 43 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 39Page - Analog Devices ADV7321 Datasheet HTML 40Page - Analog Devices ADV7321 Datasheet HTML 41Page - Analog Devices ADV7321 Datasheet HTML 42Page - Analog Devices ADV7321 Datasheet HTML 43Page - Analog Devices ADV7321 Datasheet HTML 44Page - Analog Devices ADV7321 Datasheet HTML 45Page - Analog Devices ADV7321 Datasheet HTML 46Page - Analog Devices ADV7321 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 43 of 88
HD TIMING RESET
A timing reset is achieved by toggling the HD timing reset control
bit [Subaddress 0x14, Bit 0] from 0 to 1. In this state, the horizontal
and vertical counters remain reset. When this bit is set back to 0,
the internal counters resume counting.
The minimum time the pin must be held high is one clock
cycle; otherwise, this reset signal might not be recognized. This
timing reset applies to the HD timing counters only.
SD REAL-TIME CONTROL, SUBCARRIER RESET,
AND TIMING RESET
[Subaddress 0x44, Bits 2 and 1]
Together with the RTC_SCR_TR pin and SD Mode Register 3
[Address 0x44, Bits 1 and 2], the ADV7320/ADV7321 can be
used in (a) timing reset mode, (b) subcarrier phase reset mode,
or (c) RTC mode.
a.
A timing reset is achieved in a low-to-high transition
on the RTC_SCR_TR pin (Pin 31). In this state, the
horizontal and vertical counters remain reset. Upon
releasing this pin (set to low), the internal counters
resume counting, starting with Field 1, and the
subcarrier phase is reset.
The minimum time the pin must be held high is one
clock cycle; otherwise, this reset signal might not be
recognized. This timing reset applies to the SD timing
counters only.
b.
In subcarrier phase reset, a low-to-high transition on
the RTC_SCR_TR pin (Pin 31) resets the subcarrier
phase to zero on the field following the subcarrier
phase reset when the SD RTC/TR/SCR control bits at
Address 0x44 are set to 01.
This reset signal must be held high for a minimum of
one clock cycle.
Because the field counter is not reset, it is
recommended that the reset signal is applied in Field 7
(PAL) or Field 3 (NTSC). The reset of the phase will
then occur on the next field, i.e., Field 1, lined up
correctly with the internal counters. The field count
register at Address 0x7B can be used to identify the
number of the active field.
c.
In RTC mode, the ADV7320/ADV7321 can be used to
lock to an external video source. The real-time control
mode allows the ADV7320/ADV7321 to automatically
alter the subcarrier frequency to compensate for line
length variations. When the part is connected to a
device, such as an ADV7183A video decoder (see
Figure 62), that outputs a digital data stream in the
RTC format, the part will automatically change to the
compensated subcarrier frequency on a line-by-line
basis. This digital data stream is 67 bits wide and the
subcarrier is contained in Bits 0 to 21. Each bit is two
clock cycles long. Write 0x00 into all four subcarrier
frequency registers when this mode is used.
DISPLAY
NO TIMING RESET APPLIED
TIMING RESET APPLIED
START OF FIELD 4 OR 8
FSC PHASE = FIELD 4 OR 8
FSC PHASE = FIELD 1
TIMING RESET PULSE
307
310
307
12345
67
21
313
320
DISPLAY
START OF FIELD 1
Figure 60. Timing Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com