Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 25Page - Analog Devices ADV7321 Datasheet HTML 26Page - Analog Devices ADV7321 Datasheet HTML 27Page - Analog Devices ADV7321 Datasheet HTML 28Page - Analog Devices ADV7321 Datasheet HTML 29Page - Analog Devices ADV7321 Datasheet HTML 30Page - Analog Devices ADV7321 Datasheet HTML 31Page - Analog Devices ADV7321 Datasheet HTML 32Page - Analog Devices ADV7321 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 29 of 88
Table 12. Register 0x15
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
Reserved
0
0 must be written to this bit.
0x00
0
Disabled.
HD RGB Input
1
Enabled.
0
Disabled.
HD Sync on PrPb
1
Enabled.
0
DAC E = Pb; DAC F = Pr.
HD Color DAC Swap
1
DAC E = Pr; DAC F = Pb.
0
Gamma Curve A.
HD Gamma Curve A/B
1
Gamma Curve B.
0
Disabled.
HD Gamma Curve Enable
1
Enabled.
0
Mode A.
HD Adaptive Filter Mode
1
Mode B.
0
Disabled.
0x15
HD Mode
Register 6
HD Adaptive Filter Enable
1
Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com