Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 56 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 52Page - Analog Devices ADV7321 Datasheet HTML 53Page - Analog Devices ADV7321 Datasheet HTML 54Page - Analog Devices ADV7321 Datasheet HTML 55Page - Analog Devices ADV7321 Datasheet HTML 56Page - Analog Devices ADV7321 Datasheet HTML 57Page - Analog Devices ADV7321 Datasheet HTML 58Page - Analog Devices ADV7321 Datasheet HTML 59Page - Analog Devices ADV7321 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 56 of 88
HD SHARPNESS FILTER AND ADAPTIVE FILTER
APPLICATION EXAMPLES
HD Sharpness Filter Application
The HD sharpness filter can be used to enhance or attenuate the
Y video output signal. The following register settings were used
to achieve the results shown in Figure 74. Input data was
generated by an external signal source.
Table 34. Sharpness Control
Address
Register Setting
Reference1
0x00
0xFC
0x01
0x10
0x02
0x20
0x10
0x00
0x11
0x81
0x20
0x00
a
0x20
0x08
b
0x20
0x04
c
0x20
0x40
d
0x20
0x80
e
0x20
0x22
f
1 See Figure 74.
f
e
d
a
b
c
1
R4
R2
CH1 500mV
M 4.00
µs
CH1
ALL FIELDS
REF A
500mV 4.00
µs
1
R2
R1
1
CH1 500mV
M 4.00
µs
CH1
ALL FIELDS
REF A
500mV 4.00
µs
1
9.99978ms
9.99978ms
Figure 74. HD Sharpness Filter Control with Different Gain Settings for HS Sharpness Filter Gain Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com