Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 50 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 46Page - Analog Devices ADV7321 Datasheet HTML 47Page - Analog Devices ADV7321 Datasheet HTML 48Page - Analog Devices ADV7321 Datasheet HTML 49Page - Analog Devices ADV7321 Datasheet HTML 50Page - Analog Devices ADV7321 Datasheet HTML 51Page - Analog Devices ADV7321 Datasheet HTML 52Page - Analog Devices ADV7321 Datasheet HTML 53Page - Analog Devices ADV7321 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 50 of 88
R
= Y + 1.575Pr
G
= Y − 0.468Pr − 0.187Pb
B
= Y + 1.855Pb
This is reflected in the preprogrammed values for GY = 0x13B,
GU = 0x3B, GV = 0x93, BU = 0x248, and RV = 0x1F0.
If RGB matrix is enabled and another input standard (such as
SD or PS) is used, the scale values for GY, GU, GV, BU, and RV
must be adjusted according to this input standard color space.
The user should consider that the color component conversion
might use different scale values. For example, SMPTE 293M
uses the following conversion:
R
= Y + 1.402Pr
G
= Y – 0.714Pr – 0.344Pb
B
= Y + 1.773Pb
The manual RGB matrix adjust feature can be used to control
the HD output levels in cases where the video output does not
conform to the standard due to altering the DAC output stages
such as termination resistors. The programmable RGB matrix is
used for external HD/PS data and is not functional when internal
test patterns are enabled. To adjust Registers 0x05 to 0x09, the
manual RGB matrix adjust must be enabled [Register 0x02,
Bit 3 =1].
Programming the RGB Matrix
If custom manipulation of coefficients is required, enable the
RGB matrix in Address 0x02, Bit 3, set the output to RGB
[Address 0x02, Bit 5], and disable sync on PrPb (default)
[Address 0x15, Bit 2]. Enabling sync on RGB is optional
[Address 0x02, Bit 4].
GY at Addresses 0x03 and 0x05 controls the green signal output
levels. BU at Addresses 0x04 and 0x08 control the blue signal
output levels, and RV at Addresses 0x04 and 0x09 control the red
signal output levels. To control YPrPb output levels, enable the
YUV output [Address 0x02, Bit 5]. In this case GY [Address 0x05;
Address 0x03, Bits 0 and 1] is used for the Y output, RV
[Address 0x09; Address 0x04, Bits 0 and 1] is used for the Pr
output, and BU [Address 0x08; Address 0x04, Bits 2 and 3] is
used for the Pb output.
If RGB output is selected, the RGB matrix scaler uses the
following equations:
G
= GY × Y + GU × Pb + GV × Pr
B
= GY × Y + BU × Pb
R
= GY × Y + RV × Pr
If YPrPb output is selected, the following equations are used:
Y
= GY × Y
U
= BU × Pb
V
= RV × Pr
Upon power-up, the RGB matrix is programmed with the
default values in Table 31.
Table 31. RGB Matrix Default Values
Address
Default
0x03
0x03
0x04
0xF0
0x05
0x4E
0x06
0x0E
0x07
0x24
0x08
0x92
0x09
0x7C
When the manual RGB matrix adjust feature is not enabled, the
ADV7320/ADV7321 automatically scales YCrCb inputs to all
standards supported by this part as selected by the input mode
Register 0x01 [6:4].
SD Luma and Color Control
[Subaddresses 0x5C, 0x5D, 0x5E, 0x5F]
SD Y Scale, SD Cr Scale, and SD Cb Scale are three 10-bit-wide
control registers that scale the Y, Cb, and Cr output levels.
Each of these registers represents the value required to scale the
Cb or Cr level from 0.0 to 2.0 and the Y level from 0.0 to 1.5 of
its initial level. The value of these 10 bits is calculated using the
following equation:
Y, Cr, or Cb Scalar Value
= Scale Factor × 512
For example,
Scale Factor
= 1.18
Y, Cb, or Cr Scale Value
= 1.18 × 512 = 665.6
Y, Cb, or Cr Scale Value
= 665 (rounded to the nearest
integer
)
Y, Cb, or Cr Scale Value
= 1010 0110 01b
Address 0x5C, SD LSB Register = 0x15
Address 0x5D, SD Y Scale Register = 0xA6
Address 0x5E, SD Cb Scale Register = 0xA6
Address 0x5F, SD Cr Scale Register = 0xA6
Note that this feature affects all interlaced output signals, i.e.,
CVBS, Y-C, YPrPb, and RGB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com