Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 77 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 73Page - Analog Devices ADV7321 Datasheet HTML 74Page - Analog Devices ADV7321 Datasheet HTML 75Page - Analog Devices ADV7321 Datasheet HTML 76Page - Analog Devices ADV7321 Datasheet HTML 77Page - Analog Devices ADV7321 Datasheet HTML 78Page - Analog Devices ADV7321 Datasheet HTML 79Page - Analog Devices ADV7321 Datasheet HTML 80Page - Analog Devices ADV7321 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 77 of 88
MODE 1—MASTER OPTION
(TIMING REGISTER 0 TR0 = X X X X X 0 1 1)
In this mode, the ADV7320/ADV7321 can generate horizontal
sync and odd/even field signals. When HSYNC is low, a
transition of the field input indicates a new frame, i.e., vertical
retrace. The BLANK signal is optional. When the BLANK input
is disabled, ADV7320/ADV7321 automatically blank all
normally blank lines as per CCIR-624. Pixel data is latched on
the rising clock edge following the timing signal transitions.
HSYNC, BLANK, and FIELD are output on S_HSYNC,
S_BLANK, and S_VSYNC.
622
623
624
625
21
22
23
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
FIELD
DISPLAY
309
310
311
312
313
314
315
316
317
318
319
334
335
336
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
DISPLAY
320
FIELD
5
7
6
4
3
2
1
HSYNC
BLANK
HSYNC
BLANK
Figure 114. SD Slave Mode 1 (PAL)
FIELD
PIXEL
DATA
PAL = 12
× CLOCK/2
NTSC = 16
× CLOCK/2
Cb
Y
Cr
Y
HSYNC
BLANK
PAL = 132
× CLOCK/2
NTSC = 122
× CLOCK/2
Figure 115. SD Timing Mode 1—Odd/Even Field Transitions Master/Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com