Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 70 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 66Page - Analog Devices ADV7321 Datasheet HTML 67Page - Analog Devices ADV7321 Datasheet HTML 68Page - Analog Devices ADV7321 Datasheet HTML 69Page - Analog Devices ADV7321 Datasheet HTML 70Page - Analog Devices ADV7321 Datasheet HTML 71Page - Analog Devices ADV7321 Datasheet HTML 72Page - Analog Devices ADV7321 Datasheet HTML 73Page - Analog Devices ADV7321 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 70 of 88
APPENDIX 4—TEST PATTERNS
The ADV7320/ADV7321 can generate SD and HD test patterns.
CH2 200mV
M 10.0
µs
A CH2
1.20V
T
30.6000
µs
2
T
Figure 99. NTSC Color Bars
CH2 200mV
M 10.0
µs
A CH2
1.21V
T
30.6000
µs
2
T
Figure 100. PAL Color Bars
CH2 100mV
M 10.0
µs
CH2
EVEN
T
1.82380ms
2
T
Figure 101. NTSC Black Bar
(–21 mV, 0 mV, 3.5 mV, 7 mV, 10.5 mV, 14 mV,18 mV, 23 mV)
CH2 100mV
M 10.0
µs
CH2
EVEN
T
1.82600ms
2
T
Figure 102. PAL Black Bar
(–21 mV, 0 mV, 3.5 mV, 7 mV, 10.5 mV, 14 mV, 18 mV, 23 mV)
CH2 200mV
M 4.0
µs
CH2
EVEN
T
1.82944ms
2
T
Figure 103. 525p Hatch Pattern
CH2 200mV
M 4.0
µs
CH2
EVEN
T
1.84208ms
2
T
Figure 104. 625p Hatch Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com