Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 54 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 50Page - Analog Devices ADV7321 Datasheet HTML 51Page - Analog Devices ADV7321 Datasheet HTML 52Page - Analog Devices ADV7321 Datasheet HTML 53Page - Analog Devices ADV7321 Datasheet HTML 54Page - Analog Devices ADV7321 Datasheet HTML 55Page - Analog Devices ADV7321 Datasheet HTML 56Page - Analog Devices ADV7321 Datasheet HTML 57Page - Analog Devices ADV7321 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 54 of 88
For the length of 16 to 240, the gamma correction curve has to
be calculated as follows:
y
= xγ
where:
y
= gamma corrected output
x
= linear input signal
γ = gamma power factor
To program the gamma correction registers, calculate the seven
values for y using the following formula:
16
)
16
240
(
)
16
240
(
)
16
(
+
−
×
γ
⎥
⎦
⎤
⎢
⎣
⎡
−
=
−
n
n
x
y
where:
x(n − 16) = Value for x along x axis at points
n = 24, 32, 48, 64, 80, 96, 128, 160, 192, or 224
yn = value for y along the y axis, which must be written into the
gamma correction register
For example,
y24 = [(8/224)0.5 × 224] + 16 = 58
y32 = [(16/224)0.5 × 224] + 16 = 76
y48 = [(32/224)0.5 × 224] + 16 = 101
y64 = [(48/224)0.5 × 224] + 16 = 120
y80 = [(64/224)0.5 × 224] + 16 = 136
y96 = [(80/224)0.5 × 224] + 16 = 150
y128 = [(112/224)0.5 × 224] + 16 = 174
y160 = [(144/224)0.5 × 224] + 16 = 195
y192 = [(176/224)0.5 × 224] + 16 = 214
y224 = [(208/224)0.5 × 224] + 16 = 232
where the sum of each equation is rounded to the nearest
integer.
The gamma curves in Figure 71 and Figure 72 are examples only;
any user-defined curve is acceptable in the range of 16 to 240.
LOCATION
0
0
50
100
150
200
250
300
50
100
150
200
250
0.5
SIGNAL INPUT
SIGNAL OUTPUT
GAMMA CORRECTION BLOCK OUTPUT TO A RAMP INPUT
Figure 71. Signal Input (Ramp) and Signal Output for Gamma 0.5
LOCATION
0
0
50
100
150
200
250
300
50
100
150
200
250
GAMMA CORRECTION BLOCK TO A RAMP INPUT FOR
VARIOUS GAMMA VALUES
0.3
0.5
1.5
1.8
SI
GN
AL
IN
PU
T
Figure 72. Signal Input (Ramp) and Selectable Output Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com