Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 22Page - Analog Devices ADV7321 Datasheet HTML 23Page - Analog Devices ADV7321 Datasheet HTML 24Page - Analog Devices ADV7321 Datasheet HTML 25Page - Analog Devices ADV7321 Datasheet HTML 26Page - Analog Devices ADV7321 Datasheet HTML 27Page - Analog Devices ADV7321 Datasheet HTML 28Page - Analog Devices ADV7321 Datasheet HTML 29Page - Analog Devices ADV7321 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 26 of 88
Table 8. Registers 0x02 to 0x0F
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset Values
Reserved
0
0
Zero must be written to
these bits.
0x20
0
Disabled.
Test Pattern Black
Bar
1
Enabled.
0x11, Bit 2 must
also be enabled.
0
Disable manual RGB matrix
adjust.
Manual RGB
Matrix Adjust
1
Enable manual RGB matrix
adjust.
0
No sync.
Sync on RGB1
1
Sync on all RGB outputs.
0
RGB component outputs.
RGB/YPrPb
Output
1
YPrPb component outputs.
0
No sync output.
SD Sync
1
Output SD syncs on
S_HSYNC, S_VSYNC,
S_BLANK pins.
0
No sync output.
0x02
Mode Register 0
HD Sync
1
Output HD, ED, syncs on
S_HSYNC, S_VSYNC.
0x03
RGB Matrix 0
x
x
LSB for GY.
0x03
x
x
LSB for RV.
0xF0
x
x
LSB for BU.
x
x
LSB for GV.
0x04
RGB Matrix 1
x
x
LSB for GU.
0x05
RGB Matrix 2
x
x
x
x
x
x
x
x
Bits 9 to 2 for GY.
0x4E
0x06
RGB Matrix 3
x
x
x
x
x
x
x
x
Bits 9 to 2 for GU.
0x0E
0x07
RGB Matrix 4
x
x
x
x
x
x
x
x
Bits 9 to 2 for GV.
0x24
0x08
RGB Matrix 5
x
x
x
x
x
x
x
x
Bits 9 to 2 for BU.
0x92
0x09
RGB Matrix 6
x
x
x
x
x
x
x
x
Bits 9 to 2 for RV.
0x7C
0x0A
DAC A, B, C Output
Level2
Positive Gain to
DAC Output
Voltage
0
0
0
0
0
0
0
0
0%
0x00
0
0
0
0
0
0
0
1
+0.018%
0
0
0
0
0
0
1
0
+0.036%
…
…
0
0
1
1
1
1
1
1
+7.382%
0
1
0
0
0
0
0
0
+7.5%
Negative Gain to
DAC Output
Voltage
1
1
0
0
0
0
0
0
−7.5%
1
1
0
0
0
0
0
1
−7.382%
1
0
0
0
0
0
1
0
−7.364%
…
…
1
1
1
1
1
1
1
1
−0.018%
0x0B
DAC D, E, F Output
Level
Positive Gain to
DAC Output
Voltage
0
0
0
0
0
0
0
0
0%
0x00
0
0
0
0
0
0
0
1
+0.018%
0
0
0
0
0
0
1
0
+0.036%
…
…
0
0
1
1
1
1
1
1
+7.382%
0
1
0
0
0
0
0
0
+7.5%
Negative Gain to
DAC Output
Voltage
1
1
0
0
0
0
0
0
−7.5%
1
1
0
0
0
0
0
1
−7.382%
1
0
0
0
0
0
1
0
−7.364%
…
…
1
1
1
1
1
1
1
1
−0.018%
0x0C
Reserved
0x00
0x0D
Reserved
0x00
0x0E
Reserved
0x00
0x0F
Reserved
0x00
1 For more detail, refer to Appendix 7.
2 For more detail on the programmable output levels, refer to the Programmable DAC Gain Control section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com