Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 61 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 57Page - Analog Devices ADV7321 Datasheet HTML 58Page - Analog Devices ADV7321 Datasheet HTML 59Page - Analog Devices ADV7321 Datasheet HTML 60Page - Analog Devices ADV7321 Datasheet HTML 61Page - Analog Devices ADV7321 Datasheet HTML 62Page - Analog Devices ADV7321 Datasheet HTML 63Page - Analog Devices ADV7321 Datasheet HTML 64Page - Analog Devices ADV7321 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 61 of 88
HSYNC/VSYNC OUTPUT CONTROL
The ADV7320/21 has the ability to accept either embedded time codes in the input data, or external Hsync and Vsync signals on
P_HSYNC/P_VSYNC, outputting the respective signals on the P_HSYNC and P_VSYNC pins.
Table 36. Hsync Output Control1
HD/ED2
Slave Mode
(0x10, bit 2)
HD/ED
Sync Out Enable
(0x02, Bit 7)
SD
Sync Out Enable
(0x02, Bit 6)
I2C_HSYNC _gen_sel
(0x14, Bit 1)
Signal on S_HSYNC Pin
Duration
x
0
0
x
Tristate
–
x
0
1
x
Pipelined SD HSYNC
See Appendix
5—SD Timing
Modes
External HSYNC
& VSYNC/Field
Mode
1
x
0
Pipelined Ext HD/ED HSYNC
As per HSYNC
timing
EAV/SAV Mode
1
x
0
Pipelined HD/ED HSYNC
based on AV code H bit
Same as line
blanking interval
x
1
x
1
Pipelined HD/ED HSYNC
based on horizontal counter
Same as
embedded
HSYNC
______________________________
1 In all HD/ED standards where there is an HSYNC o/p, the start of the HSYNC pulse is aligned with the falling edge of the embedded HSYNC in the output video.
2 ED = enhanced definition.
Table 37. VSYNC Output Control
1
HD/ED2
Slave Mode
(0x10, Bit 2)
HD/ED
Sync out Enable
(0x02, Bit 7)
SD
Sync Out Enable
(0x02, Bit 6)
I2C_VSYNC _gen_sel
(0x14, Bit 2)
Video
Standard
Signal on
S_VSYNC Pin
Duration
x
0
0
x
x
Tristate
-
x
0
1
x
Interlaced
Pipelined SD
VSYNC/ field
See Appendix
5—SD Timing
Modes
External HSYNC
& VSYNC/Field
Mode
1
x
0
x
Pipelined EXT
HD/ED VSYNC or
field signal
As per Ext VSYNC
or field signal
EAV/SAV Mode
1
x
0
All HD interlace
standards
External pipelined
field signal based
on AV code F bit
Field
EAV/SAV Mode
1
x
0
All HD/ED
progressive
standards
Pipelined VSYNC
based on AV code
V bit
Vertical blanking
interval
x
1
x
1
All HD/ED stan-
dards except
525p
External pipelined
HD/ED VSYNC
based on vertical
counter
Aligned with
serration lines
x
1
x
1
525p
External pipelined
HD/ED VSYNC
based on vertical
counter
Vertical blanking
interval
1 In all HD/ED standards where there is an HSYNC o/p, the start of the HSYNC pulse is aligned with the falling edge of the embedded HSYNC in the output video.
2 ED = enhanced definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com