Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 62 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 58Page - Analog Devices ADV7321 Datasheet HTML 59Page - Analog Devices ADV7321 Datasheet HTML 60Page - Analog Devices ADV7321 Datasheet HTML 61Page - Analog Devices ADV7321 Datasheet HTML 62Page - Analog Devices ADV7321 Datasheet HTML 63Page - Analog Devices ADV7321 Datasheet HTML 64Page - Analog Devices ADV7321 Datasheet HTML 65Page - Analog Devices ADV7321 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 62 of 88
BOARD DESIGN AND LAYOUT
DAC TERMINATION AND LAYOUT
CONSIDERATIONS
The ADV7320/ADV7321 contain an on-board voltage
reference. The ADV7320/ADV7321 can be used with an
external VREF (AD1580).
The RSET resistors are connected between the RSET pins and
AGND and are used to control the full-scale output current
and, therefore, the DAC voltage output levels. For full-scale
output, RSET must have a value of 3040 Ω. The RSET values should
not be changed. RLOAD has a value of 300 Ω for full-scale output.
VIDEO OUTPUT BUFFER AND OPTIONAL
OUTPUT FILTER
Output buffering on all six DACs is necessary to drive output
devices, such as SD or HD monitors. Analog Devices produces
a range of suitable op amps for this application, e.g., the
AD8061. More information on line driver buffering circuits is
given in the relevant op amps’ data sheets.
An optional analog reconstruction low-pass filter (LPF) may be
required as an anti-imaging filter if the ADV7320/ADV7321 are
connected to devices that require this filtering.
The filter specifications vary with the application.
Table 38. External Filter Requirements
Application
Oversampling
Cutoff
Frequency
(MHz)
Attenuation
–50 dB @
(MHz)
SD
2×
>6.5
20.5
SD
16×
>6.5
209.5
PS
1×
>12.5
14.5
PS
8×
>12.5
203.5
HDTV
1×
>30
44.25
HDTV
2×
>30
118.5
560
Ω
600
Ω
3
4
1
22pF
600
Ω
DAC
OUTPUT
75
Ω
BNC
OUTPUT
10
µH
560
Ω
Figure 85. Example of Output Filter for SD, 16× Oversampling
0
–80
–70
–60
–50
–40
–30
–20
–10
0
–30
–60
–90
–120
–150
–180
–210
–240
1M
10M
100M
FREQUENCY (Hz)
CIRCUIT FREQUENCY RESPONSE
1G
GROUP DELAY (Seconds)
PHASE (Degrees)
MAGNITUDE (dB)
21n
18n
15n
12n
9n
6n
3n
0
24n
Figure 86. Filter Plot for Output Filter for SD, 16× Oversampling
560
Ω
3
4
1
6.8pF
600
Ω
6.8pF
600
Ω
DAC
OUTPUT
75
Ω
BNC
OUTPUT
4.7
µH
560
Ω
Figure 87. Example of Output Filter for PS, 8× Oversampling
82pF
33pF
75
Ω
DAC
OUTPUT
220nH
470nH
500
Ω
3
4
1
BNC
OUTPUT
500
Ω
300
Ω
3
4
1
75
Ω
Figure 88. Example of Output Filter for HDTV, 2× Oversampling
Table 39. Possible Output Rates
from the ADV7320/ADV7321
Input Mode Address
0x01, Bits 6 to 4
PLL Address
0x00, Bit 1
Output Rate
(MHz)
Off
27 (2×)
SD Only
On
216 (16×)
Off
27 (1×)
PS Only
On
216 (8×)
HDTV Only
Off On
74.25 (1×)
148.5 (2×)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com