Electronic Components Datasheet Search
  English  ▼

X  

ADV7321 Datasheet(PDF) 59 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 55Page - Analog Devices ADV7321 Datasheet HTML 56Page - Analog Devices ADV7321 Datasheet HTML 57Page - Analog Devices ADV7321 Datasheet HTML 58Page - Analog Devices ADV7321 Datasheet HTML 59Page - Analog Devices ADV7321 Datasheet HTML 60Page - Analog Devices ADV7321 Datasheet HTML 61Page - Analog Devices ADV7321 Datasheet HTML 62Page - Analog Devices ADV7321 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 59 of 88
FILTER C
FILTER B
FILTER A
FILTER D
FREQUENCY (Hz)
0
0.2
0.4
0.6
0.8
1.0
0
1
23
45
6
Figure 81. DNR Input Select
DNR MODE CONTROL
[Address 0x65, Bit 4]
This bit controls the DNR mode selected. Logic 0 selects DNR
mode; Logic 1 selects DNR sharpness mode.
DNR works on the principle of defining low amplitude, high
frequency signals as probable noise and subtracting this noise
from the original signal.
In DNR mode, it is possible to subtract a fraction of the signal
that lies below the set threshold, assumed to be noise, from the
original signal. The threshold is set in DNR Register 1.
When DNR sharpness mode is enabled, it is possible to add a
fraction of the signal that lies above the set threshold to the
original signal, since this data is assumed to be valid data and
not noise. The overall effect is that the signal will be boosted
(similar to using Extended SSAF filter).
BLOCK OFFSET CONTROL
[Address 0x65, Bits 7 to 4]
Four bits are assigned to this control, which allows a shift of the
data block of 15 pixels maximum. Consider the coring gain
positions fixed. The block offset shifts the data in steps of one
pixel such that the border coring gain factors can be applied at the
same position regardless of variations in input timing of the data.
SD ACTIVE VIDEO EDGE
[Subaddress 0x42, Bit 7]
When the active video edge feature is enabled, the first three
pixels and the last three pixels of the active video on the luma
channel are scaled so that maximum transitions on these pixels
are not possible. The scaling factors are ×1/8, ×1/2, and ×7/8.
All other active video passes through unprocessed.
SAV/EAV STEP EDGE CONTROL
The ADV7320/ADV7321 have the capability of controlling fast
rising and falling signals at the start and end of active video to
minimize ringing.
An algorithm monitors SAV and EAV and determines when the
edges are rising or falling too fast. The result is reduced ringing
at the start and end of active video for fast transitions.
Subaddress 0x42, Bit 7 = 1, enables this feature.
100 IRE
0 IRE
100 IRE
12.5 IRE
87.5 IRE
0 IRE
50 IRE
LUMA CHANNEL WITH
ACTIVE VIDEO EDGE
DISABLED
LUMA CHANNEL WITH
ACTIVE VIDEO EDGE
ENABLED
Figure 82. Example of Active Video Edge Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com